Electronic Components Datasheet Search
  English  ▼

X  

LM3370 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3370
Description  Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3370 Datasheet(HTML) 1 Page - Texas Instruments

  LM3370 Datasheet HTML 1Page - Texas Instruments LM3370 Datasheet HTML 2Page - Texas Instruments LM3370 Datasheet HTML 3Page - Texas Instruments LM3370 Datasheet HTML 4Page - Texas Instruments LM3370 Datasheet HTML 5Page - Texas Instruments LM3370 Datasheet HTML 6Page - Texas Instruments LM3370 Datasheet HTML 7Page - Texas Instruments LM3370 Datasheet HTML 8Page - Texas Instruments LM3370 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
LM3370
www.ti.com
SNVS406M – NOVEMBER 2005 – REVISED AUGUST 2011
LM3370 Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling
Function
Check for Samples: LM3370
1
FEATURES
2
•
I2C-compatible interface
•
2.7V
≤ VIN ≤ 5.5V
–
VOUT1 = 1V to 2V in 50 mV steps
•
Operates from a single Li-Ion cell or 3 cell
NiMH/NiCd batteries and 3.3V/5.5V fixed rails
–
VOUT2 = 1.8V to 3.3V in 100 mV steps
•
2.2 µH Inductor, 4.7 µF Input and 10 µF Output
–
Automatic PFM/PWM mode switching &
Capacitor per channel
Forced PWM mode for low noise operation
•
16-lead LLP Package (4 mm x 5 mm x 0.8 mm)
–
Spread Spectrum capability using I2C
•
20-bump micro SMD Package (3.0 mm x 2.0
•
600 mA load per channel
mm x 0.6 mm)
•
2 MHz PWM fixed switching frequency (typ.)
•
The Bucks operate 180° out-of-phase timing
APPLICATIONS
offset for noise and input surge current
•
Baseband Processors
abatement
•
Application Processors (Video, Audio)
•
Internal synchronous rectification for high
•
I/O Power
efficiency
•
FPGA Power and CPLD
•
Internal soft start
•
Power-on-reset function for both outputs
DESCRIPTION
The LM3370 is a dual step-down DC-DC converter optimized for powering ultra-low voltage circuits from a single
Li-Ion battery and input rail ranging from 2.7V to 5.5V. It provides two outputs with 600 mA load per channel. The
output voltage range varies from 1V to 3.3V and can be dynamically controlled using the I2C-compatible
interface. This dynamic voltage scaling function allows processors to achieve maximum performance at the
lowest power level. The I2C-compatible interface can also be used to control auto PFM-PWM/PWM mode
selection and other performance enhancing features.
The LM3370 offers superior features and performance for portable systems with complex power management
requirements. Automatic intelligent switching between PWM low-noise and PFM low-current mode offers
improved system efficiency. Internal synchronous rectification enhances the converter efficiency without the use
of further external devices.
There is a power-on-reset function that monitors the level of the output voltage to avoid unexpected power
losses. The independent enable pin for each output allows for simple and effective power sequencing.
LM3370 is available in a 4 mm by 5 mm 16-lead non-pullback LLP and a 20-bump micro SMD, 3.0 mm x 2.0 mm
x 0.6 mm, package. A high switching frequency—2 MHz (typ)—allows use of tiny surface-mount components
including a 2.2 µH inductor.
Default fixed voltages for the 2 output voltages combination can be customized to fit system requirements by
contacting National Semiconductor Corporation.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3370

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3370 NSC-LM3370 Datasheet
1Mb / 23P
Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
LM3370 NSC-LM3370 Datasheet
5Mb / 26P
Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
logo
Texas Instruments
LM3370 TI1-LM3370 Datasheet
4Mb / 33P
Dual Synchronous Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3370SD-3013 NSC-LM3370SD-3013 Datasheet
5Mb / 26P
Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
logo
Texas Instruments
LM3370SD-3013/NOPB TI1-LM3370SD-3013/NOPB Datasheet
4Mb / 33P
Dual Synchronous Step-Down DC-DC Converter
More results

Similar Description - LM3370

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3370 NSC-LM3370 Datasheet
1Mb / 23P
Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
LM3370 NSC-LM3370_08 Datasheet
5Mb / 26P
Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
logo
Torex Semiconductor
XCM524 TOREX-XCM524 Datasheet
1Mb / 52P
600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961 Datasheet
650Kb / 12P
Synchronous Step-Down DC-DC Converter
Rev 3; 5/14
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
LM2650 TI-LM2650_15 Datasheet
938Kb / 19P
Synchronous Step-Down DC/DC Converter
TPS56C20 TI1-TPS56C20 Datasheet
1Mb / 44P
Synchronous Step-Down Voltage Regulator with Voltage Scaling
LM3370 TI1-LM3370_15 Datasheet
4Mb / 33P
Dual Synchronous Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC2309 AIC-AIC2309 Datasheet
223Kb / 10P
1A Dual Synchronous Step-down DC/DC Converter
AIC2359 AIC-AIC2359 Datasheet
242Kb / 11P
1A Dual Synchronous Step-down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com