Electronic Components Datasheet Search
  English  ▼

X  

LM3370 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM3370
Description  Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3370 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3370 Datasheet HTML 13Page - Texas Instruments LM3370 Datasheet HTML 14Page - Texas Instruments LM3370 Datasheet HTML 15Page - Texas Instruments LM3370 Datasheet HTML 16Page - Texas Instruments LM3370 Datasheet HTML 17Page - Texas Instruments LM3370 Datasheet HTML 18Page - Texas Instruments LM3370 Datasheet HTML 19Page - Texas Instruments LM3370 Datasheet HTML 20Page - Texas Instruments LM3370 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
ADR6
bit7
MSB
ADR5
bit6
ADR4
bit5
ADR3
I
2
C SLAVE address (chip address)
ADR2
bit3
ADR1
bit2
ADR0
bit1
R/W
bit0
LSB
0
1
0
0
0
0
1
bit4
ack from slave
w ack
start
msb Chip Address lsb
msb Register Add lsb
msb
DATA
lsb
ack
ack stop
ack from slave
ack from slave
SCL
start
id = K¶
xx
w ack
addr = K¶00
DGGUHVV K¶00 data
ack
ack stop
SDA
rs
msb Chip Address lsb
r
ack
repeated start
data from slave
ack from master
r
id = K¶
xx
ack
rs
SCL
SDA
start
id = K¶
xx
w ack
addr = K¶02
DGGUHVV K¶02 data
ack
ack
stop
ack from slave
w ack
start
msb Chip Address lsb
msb Register Add lsb
msb
DATA
lsb
ack
ack
stop
ack from slave
ack from slave
LM3370
www.ti.com
SNVS406M – NOVEMBER 2005 – REVISED AUGUST 2011
I
2C-COMPATIBLE WRITE CYCLE
W = write (SDA = “0”)
r = read (SDA = “1”)
ack = acknowledge (SDA pulled down by either master or slave)
rs = repeated startxx=36h
However, if a READ function is to be accomplished, a WRITE function must precede the READ function, as
shown in the read cycle waveform.
I
2C-COMPATIBLE READ CYCLE
DEVICE REGISTER INFORMATION
Table 3. Register Information
Register Name
Location
Type
Function
Control
00
R/W
Control signal for Buck 1 and
Buck 2
Buck 1
01
R/W
Output setting & Mode selection
for Buck 1
Buck 2
02
R/W
Output setting & Mode selection
for Buck 2 and POR disable
I2C CHIP ADDRESS INFORMATION
Copyright © 2005–2011, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3370



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com