Electronic Components Datasheet Search
  English  ▼

X  

LM2647 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM2647
Description  Dual Synchronous Buck Regulator Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2647 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM2647 Datasheet HTML 17Page - Texas Instruments LM2647 Datasheet HTML 18Page - Texas Instruments LM2647 Datasheet HTML 19Page - Texas Instruments LM2647 Datasheet HTML 20Page - Texas Instruments LM2647 Datasheet HTML 21Page - Texas Instruments LM2647 Datasheet HTML 22Page - Texas Instruments LM2647 Datasheet HTML 23Page - Texas Instruments LM2647 Datasheet HTML 24Page - Texas Instruments LM2647 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
LM2647
www.ti.com
SNVS210E – MAY 2004 – REVISED JUNE 2005
CH1: LDRV, CH2: PGOOD, CH3: ILIM Pin, CH4: IL (5A/div)
Output 1V, 2A to Overload, VIN = 10V, L = 10µH, f = 300kHz, RLIM = 2k
Figure 14. Response to Severe Overload (Type B: current limit threshold first)
Application Information
CURRENT LIMIT RESISTOR
The timing scheme implemented in the LM2647 makes it possible for the IC to continue monitoring an
overcurrent condition and to respond appropriately every cycle. This is explained as follows.
Consider the LM2647 working under normal conditions, just before an overload occurs. After the end of a given
ON-pulse (say ‘ton1’), the LM2647 starts sampling the current in the low-side FET. This is the OFF-duration
called ‘toff1’ in this analysis. Therefore, if an overcurrent condition is detected during this OFF-duration ‘toff1’, the
controller will decide to omit the next ON-pulse (which would have occurred during the duration ‘ton2’). This is
done by setting an internal ‘overcurrent latch’ which will keep HDRV low. The LDRV will now not only stay high
during the present OFF-duration (‘toff1’) but during the duration of the next (omitted) ON-pulse (‘ton2’), and then
as expected also during the succeeding OFF-duration (‘toff2’). But the ‘overcurrent latch’ is reset at the very start
of the next OFF-duration ‘toff2’. Therefore if the overcurrent condition persists, it can be recognized during ‘toff2’
and a decision to skip the next ON-pulse (duration ‘ton3’) can be taken. Finally, several ON-pulses may get
skipped until the current in the lower FET falls below the current limit threshold.
Note that about 150ns after LDRV first goes high (start of low-side conduction), the current monitoring starts.
Therefore the peak current seen by the current limit detector is almost the same as the peak inductor current.
To set the value of the current limiting resistor (‘RLIM’, between ILIM pin and SW pin), the function of the ILIM
pin must be understood. Refer to Figure 15 to see how the voltage on the ILIM pin changes as current ramps up.
For this analysis note that the worst case has been taken here by using the minimum possible value of the
current sourced (IILIM, see Electrical Characteristics table). Also, the maximum value of the ‘hot’ Rds of the lower
FET should be used. For example if the chosen low-side FET is the Si4420DY from Vishay, the typical Rds at
room temperature is 10m
Ω (but this is not the value to be used here). The MAX is the relevant number which is
13m
Ω. Now applying the thumbrule that at 100°C the Rds goes up typically 1.4 times (for 30V FETs), the Rds to
be used in the actual current limit calculation is 1.4*13m
Ω=18.2mΩ. Therefore using 46µA for IILIM (see Electrical
Characteristics table) and Rds = 18.2m
Ω here will provide the lowest value of current limit (considering
tolerances and temperature for a chosen RLIM resistor). This current limit must obviously be higher than the
actual peak current in the converter under normal operation to ensure that full rated power can be delivered
under all conditions by the converter without ‘inadvertently’ hitting the worst case (lowest value) set current limit.
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM2647



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com