Electronic Components Datasheet Search
  English  ▼

X  

LM2647 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM2647
Description  Dual Synchronous Buck Regulator Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2647 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2647 Datasheet HTML 2Page - Texas Instruments LM2647 Datasheet HTML 3Page - Texas Instruments LM2647 Datasheet HTML 4Page - Texas Instruments LM2647 Datasheet HTML 5Page - Texas Instruments LM2647 Datasheet HTML 6Page - Texas Instruments LM2647 Datasheet HTML 7Page - Texas Instruments LM2647 Datasheet HTML 8Page - Texas Instruments LM2647 Datasheet HTML 9Page - Texas Instruments LM2647 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
LM2647
SNVS210E – MAY 2004 – REVISED JUNE 2005
www.ti.com
Operating Ratings
(1)
VIN
5.5V to 28V
VDD, V5
4.5V to 5.5V
Junction Temperature
-5°C to +125°C
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is guaranteed. For guaranteed performance limits and associated test conditions, see the Electrical
Characteristics table.
6
Submit Documentation Feedback
Copyright © 2004–2005, Texas Instruments Incorporated
Product Folder Links: LM2647



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com