Electronic Components Datasheet Search
  English  ▼

X  

LM2647 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM2647
Description  Dual Synchronous Buck Regulator Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2647 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2647 Datasheet HTML 9Page - Texas Instruments LM2647 Datasheet HTML 10Page - Texas Instruments LM2647 Datasheet HTML 11Page - Texas Instruments LM2647 Datasheet HTML 12Page - Texas Instruments LM2647 Datasheet HTML 13Page - Texas Instruments LM2647 Datasheet HTML 14Page - Texas Instruments LM2647 Datasheet HTML 15Page - Texas Instruments LM2647 Datasheet HTML 16Page - Texas Instruments LM2647 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
LM2647
www.ti.com
SNVS210E – MAY 2004 – REVISED JUNE 2005
In a conventional converter, as the load is decreased to about 10-30% of maximum load current, DCM
(Discontinuous Conduction Mode) occurs. In this condition the inductor current falls to zero during the OFF-time,
and stays there until the start of the next switching cycle. In this mode, if the load is decreased further, the duty
cycle decreases (pinches off), and ultimately may decrease to the point where the required pulse width becomes
less than the minimum ON-time achievable by the converter (controller + FETs). Then a sort of random skipping
behavior occurs as the error amplifier struggles to maintain regulation. This is not the most desirable type of
behavior. There are two ways out of this problem.
One way is to keep the lower FET ON until the start of the next cycle (as in the LM2647 operated in FPWM
mode). This allows the inductor current to drop to zero and then actually reverse direction (negative direction
through inductor, passing from Drain to Source of lower FET, see Channel 4 in Figure 6). Now the current can
continue to flow continuously till the end of the switching cycle. This maintains CCM and so the duty cycle does
not start to pinch off as in typical DCM. Nor does it lead to the undesirable random skipping described above.
Note that the pulse width (duty cycle) for CCM is virtually constant for any load and therefore does not usually
run into the minimum ON-time restriction. But it can happen, especially when the application consists of a very
high input voltage, a low output voltage rail, and also the switching frequency is set high. Let us check the
LM2647 to rule out this remote possibility. For example, with an input of 24V, an output of 1V, the duty cycle is
1/24 = 4.2%. This leads to a required ON-time of 0.042* 3.3 = 0.14 µs at a switching frequency of 300kHz (T=3.3
µs). Since 140ns exceeds the minimum ON-time of 30ns of the LM2647, normal constant frequency CCM mode
of operation is assured in FPWM mode, at virtually any load.
The second way out of the problems of discontinuous mode is the second operating mode of the LM2647, the
Pulse-skip (SKIP) Mode. In SKIP Mode, a zero-cross detector at the SW pin turns off the bottom FET when the
inductor current decays to zero (actually at VSW_ZERO, see Electrical Characteristics table). This would however
still amount to conventional DCM, with its attendant problems at extremely light loads as described earlier. The
LM2647 however avoids the random skipping behavior described earlier, and replaces it with a more defined or
formal SKIP mode. In conventional DCM, a converter would try to reduce its duty cycle from the CCM value as
the load decreases, as explained previously. So it would start with the CCM duty cycle value (at the CCM-DCM
boundary), but as the load decreases, the duty cycle would try to shrink to zero. However, in the LM2647, the
DCM duty cycle is not allowed to fall below 85% of the CCM value. So when the theoretically required DCM duty
cycle value falls below what the LM2647 is allowed to deliver (in this mode), pulse-skipping starts. It will be seen
that several of these excess pulses may be delivered, until the output capacitors charge up enough to notify the
error amplifier and cause its output to reverse. Thereafter several pulses could be skipped entirely until the
output of the error amplifier again reverses. The SKIP mode therefore leads to a reduction in the average
switching frequency. Switching losses and FET driver losses, both of which are proportional to frequency, are
significantly reduced at very light loads and efficiency is boosted. SKIP mode also reduces the circulating
currents and energy associated with the FPWM mode. See Figure 7 for a typical plot of SKIP mode at very light
loads. Note the bunching of several fixed-width pulses followed by skipped pulses. The average frequency can
actually fall very low at very light loads. Note however that when this happens the inductor core is seeing only
very mild flux excursions, and so no significant audible noise is created. But if EMI is a particularly sensitive issue
for the particular application, the user can simply opt for the slightly less efficient, though constant frequency
FPWM mode.
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM2647



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com