Electronic Components Datasheet Search
  English  ▼

X  

LM2647 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM2647
Description  Dual Synchronous Buck Regulator Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2647 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2647 Datasheet HTML 7Page - Texas Instruments LM2647 Datasheet HTML 8Page - Texas Instruments LM2647 Datasheet HTML 9Page - Texas Instruments LM2647 Datasheet HTML 10Page - Texas Instruments LM2647 Datasheet HTML 11Page - Texas Instruments LM2647 Datasheet HTML 12Page - Texas Instruments LM2647 Datasheet HTML 13Page - Texas Instruments LM2647 Datasheet HTML 14Page - Texas Instruments LM2647 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
0.5 0.75 1 1.25 1.5 1.75 2 2.25 2.5
3
2.75
60
65
70
75
80
85
90
95
100
IO (A)
FREQUENCY (Hz)
-80
-8
40
16
-32
-56
10 PH
3.3 PH
5 PH
10
100
1k
10k
100k
1M
10M
0.5 0.75 1 1.25 1.5 1.75 2 2.25 2.5
3
2.75
60
65
70
75
80
85
90
95
100
IO (A)
0.5 0.75 1 1.25 1.5 1.75 2 2.25 2.5
3
2.75
60
65
70
75
80
85
90
95
100
IO (A)
LM2647
www.ti.com
SNVS210E – MAY 2004 – REVISED JUNE 2005
Typical Performance Characteristics
Input Voltage is 15V, 20V, 24V,28V (in order) starting from uppermost curve to lowermost curve in each of the Efficiency plots
below.
Efficiency for 5V/3.3V Outputs
Efficiency for 2.5V/3.3V Outputs
Efficiency for 1.8V/1.2V Outputs
Modulator (Plant) Gain
Operation Descriptions
GENERAL
The LM2647 provides two identical synchronously switched buck regulator channels that operate 180° out of
phase. A voltage-mode control topology was selected to provide fixed-frequency PWM regulation at very low
duty cycles, in preference to current-mode control, because the latter has inherent limitations in being able to
achieve low pulse widths due to blanking time requirements. Because of a minimum pulse width of about 30ns
for the LM2647, very low duty cycles (low output, high input) are possible. The main advantage of current-mode
control is the fact that the slope of its ramp (derived from the switch current), automatically increases with
increase in input voltage. This leads to improved line rejection and fast response to line variations. In typical
voltage-mode control, the ramp is derived from the clock, not from the switch current. But by using the input
voltage together with the clock signal to generate the ramp as in the LM2647, this advantage of current-mode
control can in fact be completely replicated. The technique is called line feedforward. In addition, the LM2647
features a user-selectable Pulse-skip mode that significantly improves efficiency at light loads by reducing
switching losses, and driver consumption, both of which are proportional to switching frequency.
INPUT VOLTAGE FEEDFORWARD
The feedforward circuit of the LM2647 adjusts the slope of the internal PWM ramp in proportion to the regulator
input voltage. See Figure 5 for an illustration of how the duty cycle changes as a result of the change in the slope
of the ramp, even though the error amplifier output has not had time to react to the line disturbance. The almost
instantaneous duty cycle correction provided by the feedforward circuit significantly improves line transient
rejection.
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2647



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com