Electronic Components Datasheet Search
  English  ▼

X  

LM2647 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM2647
Description  Dual Synchronous Buck Regulator Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2647 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2647 Datasheet HTML 3Page - Texas Instruments LM2647 Datasheet HTML 4Page - Texas Instruments LM2647 Datasheet HTML 5Page - Texas Instruments LM2647 Datasheet HTML 6Page - Texas Instruments LM2647 Datasheet HTML 7Page - Texas Instruments LM2647 Datasheet HTML 8Page - Texas Instruments LM2647 Datasheet HTML 9Page - Texas Instruments LM2647 Datasheet HTML 10Page - Texas Instruments LM2647 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
LM2647
www.ti.com
SNVS210E – MAY 2004 – REVISED JUNE 2005
Electrical Characteristics
Specifications with standard typeface are for TJ = 25°C, and those with boldface apply over full Operating Junction
Temperature range. VDD = V5 = 5V, VSGND = VPGND = 0V, VIN = 15V, VEN = 3V, RFADJ = 22.1K unless otherwise stated.
(1)
Min
Typical
Max
Symbol
Parameter
Conditions
Units
(2)
(3)
(2)
Reference
VFB_REG
FB Pin Voltage at Regualtion
VDD = 4.5V to 5.5V,
591
600
609
mV
(either FB Pin)
VIN = 5.5V to 28V
VFB Line Regulation
VDD = 4.5V to 5.5V,
0.5
VIN = 5.5V to 28V
IFB
FB Pin Current (sourcing)
VFB at regulation
20
100
nA
Chip Supply
IQ_VIN
VIN Quiescent Current
VFB1 = VFB2 = 0.7V
100
200
µA
ISD_VN
VIN Shutdown Current
VEN = 0V
0
5
µA
IQ_VDD
VDD Quiescent Current
VFB1 = VFB2 = 0.7V
2.5
4
mA
ISD_VDD
VDD Shutdown Current
VEN = 0V
8
15
µA
IQ_V5
V5 Normal Operating Current
VFB1 = VFB2 = 0.7V
0.3
0.5
mA
VFB1 = VFB2 = 0.5V
1
1.5
ISD_V5
V5 Shutdown Current
VEN = 0V
0
5
µA
IQ_BOOT
BOOT Quiescent Current
VFB1 = VFB2 = 0.7V
2
5
µA
VFB1 = VFB2 = 0.5V
300
500
ISD_BOOT
BOOT Shutdown Current
VEN = 0V
1
5
µA
VUVLO
VDD UVLO Threshold
VDD rising from 0V
3.9
4.2
4.5
V
VDD UVLO Hysteresis
VDD = V5 falling from VUVLO
0.5
0.7
0.9
V
Logic
IEN
EN Input Current
VEN = 0 to 5V
0
µA
VEN_HI
EN Input Logic High
2
1.8
V
VEN_LO
EN Input Logic Low
1.3
0.8
V
FPWM Pull-down
VFPWM = 2V
100
200
1000
k
Ω
VFPWM_HI
FPWM Input Logic High
2
1.8
V
VFPWM_LO
FPWM Input Logic Low
1.3
0.8
V
Power Good
VPGOOD_HI
Power Good Upper Threshold as
FB voltage rising above VFB_REG
110
113
116
%
a Percentage of Internal
Reference
VPGOOD_LOW
Power Good Lower Threshold as
FB voltage falling below VFB_REG
84
87
90
%
a Percentage of Internal
Reference
Power Good Hysteresis
7
%
ΔtPG_OK
Power Good Delay
From both output voltages “good”
10
20
30
µs
to PGOOD assertion.
ΔtPG_NOK
From the first output voltage “bad”
4
7
10
to PGOOD de-assertion
ΔtSD
From Enable low to PGOOD low
0.03
0.1
PGOOD Saturation Voltage
PGOOD de-asserted (Power Not
0.12
0.4
V
Good) and sinking 1.5mA
PGOOD Leakage Current
PGOOD = 5V and asserted
0
1
µA
OV and UV Protection
(1)
RFADJ is the frequency adjust resistor between FREQ pin and Ground.
(2)
All limits are guaranteed at room temperature (standard face type) and at temperature extremes (bold face type). All room temperature
limits are 100% production tested. All limits at temperature extremes are guaranteed via correlation using Statistical Quality Control
(SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(3)
Typical numbers are at 25°C and represent the most likely norm.
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2647



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com