Electronic Components Datasheet Search
  English  ▼

X  

LP55281 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP55281
Description  Quad RGB Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP55281 Datasheet(HTML) 2 Page - Texas Instruments

  LP55281 Datasheet HTML 1Page - Texas Instruments LP55281 Datasheet HTML 2Page - Texas Instruments LP55281 Datasheet HTML 3Page - Texas Instruments LP55281 Datasheet HTML 4Page - Texas Instruments LP55281 Datasheet HTML 5Page - Texas Instruments LP55281 Datasheet HTML 6Page - Texas Instruments LP55281 Datasheet HTML 7Page - Texas Instruments LP55281 Datasheet HTML 8Page - Texas Instruments LP55281 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
XYTT
D61B
XY = 2 Digit Date Code
D61B = Product Identification
TT = Die Traceability
= Pin 1A
XY = 2 Digit Date Code
TT = Die Traceability
= Pin 1A
XYTT
D56B = Product Identification
D56B
SW
FB
B3
R1
G1
B1
G2
SCK/
SCL
IF_
SEL
B2
VDDA
VREF
GND
IRT
VDD1
GND_
RGB2
SS/
SDA
VDD2
SI/A0
R4
ASE1
G4
GNDA
GND_
RGB1
R2
IRGB
SO
VDDI
O
ASE2
G3
ALED
NRST
GND_
SW
R3
B4
1
2
3
4
5
6
GND
SW
FB
B3
R1
G1
B1
G2
SCK/
SCL
IF_
SEL
B2
VDDA
VREF
GND
IRT
VDD1
GND_
RGB2
SS/
SDA
VDD2
SI/A0
R4
ASE1
G4
GNDA
GND_
RGB1
R2
IRGB
SO
VDDI
O
ASE2
G3
ALED
NRST
GND_
SW
R3
B4
1
2
3
4
5
6
GND
A
B
C
D
E
F
BOTTOM VIEW
A
B
C
D
E
F
TOP VIEW
LP55281
SNVS458B – JUNE 2007 – REVISED JUNE 2007
www.ti.com
Connection Diagram
Figure 1. 36-bump Micro SMD package
36-bump Micro SMDxt package
Package Mark
Figure 2. 36-bump Micro SMD package
Figure 3. 36-bump Micro SMDxt package
Table 1. Pin Descriptions
Pin
Name
Type
Description
6F
SW
Output
Boost Converter Power Switch
6E
FB
Input
Boost Converter Feedback
6D
B3
Output
Blue LED 3 Output
6C
R1
Output
Red LED 1 Output
6B
G1
Output
Green LED 1 Output
6A
B1
Output
Blue LED 1 Output
5F
GND_SW
Ground
Power Switch Ground
5E
R3
Output
Red LED 3 Output
5D
G3
Output
Green LED 3 Output
5C
SS/SDA
Logic Input/Output
Slave Select (SPI), Serial Data In/Out
(I2C)
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LP55281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com