Electronic Components Datasheet Search
  English  ▼

X  

LP55281 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP55281
Description  Quad RGB Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP55281 Datasheet(HTML) 1 Page - Texas Instruments

  LP55281 Datasheet HTML 1Page - Texas Instruments LP55281 Datasheet HTML 2Page - Texas Instruments LP55281 Datasheet HTML 3Page - Texas Instruments LP55281 Datasheet HTML 4Page - Texas Instruments LP55281 Datasheet HTML 5Page - Texas Instruments LP55281 Datasheet HTML 6Page - Texas Instruments LP55281 Datasheet HTML 7Page - Texas Instruments LP55281 Datasheet HTML 8Page - Texas Instruments LP55281 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
MCU
R3
G3
B3
R4
G4
B4
IRGB
IRT
ASE2
AUDIO
INPUTS
LP55281
SW
BATTERY
FB
VDDA
VREF
D1
VDD2
VDD1
GNDs
SCK/SCL
SI/A0
SS/SDA
SO
IF_SEL
VDDIO
RGB3
RGB4
RRT
RRGB
COUT
10 P
F
IMAX = 300...400 mA
VOUT = 4...5.3V
CVDD
100 nF
Lboost
CIN
10 P
F
CVDDA
1 é
F
CREF
100 nF
CVDDIO
100 nF
ALED
RGB1
RGB2
R1
G1
B1
R2
G2
B2
ASE1
4.7 P
H
LP55281
www.ti.com
SNVS458B – JUNE 2007 – REVISED JUNE 2007
LP55281 Quad RGB Driver
Check for Samples: LP55281
1
FEATURES
•
Small 36-bump Micro SMD (3 mm x 3 mm x 0.6
mm) or 36-bump Micro SMDxt package (3 mm
23
•
Audio synchronization for a single fun light
x 3 mm x 0.65 mm)
LED
•
4 PWM controlled RGB LED drivers
APPLICATIONS
•
High efficiency Boost DC-DC converter
•
Cellular Phones
•
SPI/I2C compatible interface
•
PDAs, MP3 players
•
2 addresses in I2C compatible interface
•
LED connectivity test through the serial
interface
DESCRIPTION
LP55281 is a quad RGB LED driver for handheld devices. It can drive 4 RGB LED sets and a single fun light
LED. The boost DC-DC converter drives high current loads with high efficiency. The RGB driver can drive
individual color LEDs or RGB LEDs powered from boost output or external supply. Built-in audio synchronization
feature allows user to synchronize the fun light LED to audio inputs. The flexible SPI/I2C interface allows easy
control of LP55281. Small Micro SMD or Micro SMDxt package together with minimum number of external
components is a best fit for handheld devices. LP55281 has also a LED test feature, which can be used for
example in production for checking the LED connections.
Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
National Semiconductor is a registered trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP55281

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP55281 NSC-LP55281 Datasheet
1Mb / 28P
Quad RGB Driver
logo
Texas Instruments
LP55281 TI2-LP55281 Datasheet
759Kb / 42P
LP55281 12-Channel RGB/White-LED Drive With SPI, I2C Interface
REVISED OCTOBER 2016
logo
National Semiconductor ...
LP55281RL NSC-LP55281RL Datasheet
1Mb / 28P
Quad RGB Driver
LP55281RLX NSC-LP55281RLX Datasheet
1Mb / 28P
Quad RGB Driver
LP55281TL NSC-LP55281TL Datasheet
1Mb / 28P
Quad RGB Driver
More results

Similar Description - LP55281

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1819Q SONY-CXA1819Q Datasheet
387Kb / 20P
RGB Driver for LCD
CXA1853AQ SONY-CXA1853AQ Datasheet
699Kb / 39P
RGB Driver for LCD
CXA1853Q SONY-CXA1853Q Datasheet
758Kb / 39P
RGB Driver for LCD
logo
National Semiconductor ...
LP5520 NSC-LP5520 Datasheet
1,022Kb / 34P
RGB Backlight LED Driver
LP55281 NSC-LP55281 Datasheet
1Mb / 28P
Quad RGB Driver
logo
Sanyo Semicon Device
LV7980 SANYO-LV7980 Datasheet
78Kb / 6P
3 in 1 RGB Driver
logo
ON Semiconductor
NCV7430-D ONSEMI-NCV7430-D Datasheet
321Kb / 32P
Automotive LIN RGB LED Driver
December, 2012 ??Rev. 1
logo
Texas Instruments
LP5520 TI1-LP5520_16 Datasheet
1Mb / 46P
RGB Backlight LED Driver
logo
Microchip Technology
MCP1643 MICROCHIP-MCP1643 Datasheet
518Kb / 26P
RGB LED Driver Demonstration Board
07/14/15
logo
LinkCom Manufacturing C...
DAL120N302PON0-00G LINKCOM-DAL120N302PON0-00G Datasheet
171Kb / 2P
DALI RGB CV Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com