Electronic Components Datasheet Search
  English  ▼

X  

LP55281 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP55281
Description  Quad RGB Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP55281 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP55281 Datasheet HTML 4Page - Texas Instruments LP55281 Datasheet HTML 5Page - Texas Instruments LP55281 Datasheet HTML 6Page - Texas Instruments LP55281 Datasheet HTML 7Page - Texas Instruments LP55281 Datasheet HTML 8Page - Texas Instruments LP55281 Datasheet HTML 9Page - Texas Instruments LP55281 Datasheet HTML 10Page - Texas Instruments LP55281 Datasheet HTML 11Page - Texas Instruments LP55281 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
STANDBY
RESET
INTERNAL
STARTUP
SEQUENCE
Reset Register write
or POR = H or NRST = L
EN_BOOST = H*
TSD = H
~10 ms Delay
BOOST STARTUP
NSTBY = H
NSTBY = L
EN_BOOST = L*
~10 ms Delay
NORMAL MODE
EN_BOOST
rising edge*
* TSD = L
VREF = 95% OK*
POR = L
LP55281
SNVS458B – JUNE 2007 – REVISED JUNE 2007
www.ti.com
Modes of Operation
RESET: In the RESET mode all the internal registers are reset to the default values and the device goes to
STANDBY mode after reset. NSTBY control bit is low after reset by default. Reset is entered always if
Reset Register is written, internal Power On Reset is active, or NRST pin is pulled down externally. The
LP55281 can be reset by writing any data to the Reset Register (address 60H). Power On Reset (POR)
will activate during the device startup or when the supply voltage VDD2 falls below 1.5V. Once VDD2 rises
above 1.5V, POR will inactivate and the device will continue to the STANDBY mode.
STANDBY: The STANDBY mode is entered if the register bit NSTBY is LOW. This is the low power
consumption mode, when all circuit functions are disabled. Registers can be written in this mode and the
control bits are effective immediately after startup.
STARTUP: When NSTBY bit is written high, the INTERNAL STARTUP SEQUENCE powers up all the needed
internal blocks (VREF, Oscillator, etc.). To ensure the correct oscillator initialization, a 10 ms delay is
generated by the internal state-machine. If the device temperature rises too high, the Thermal Shutdown
(TSD) disables the device operation and STARTUP mode is entered until no thermal shutdown is present.
BOOST STARTUP: Soft start for boost output is generated in the BOOST STARTUP mode. The boost output is
raised in PWM mode during the 10 ms delay generated by the state-machine. The Boost startup is
entered from Internal Startup Sequence if EN_BOOST is HIGH or from Normal mode when EN_BOOST is
written HIGH. During the 10 ms Boost Startup time all LED outputs are switched off to ensure smooth
startup.
NORMAL: During NORMAL mode the user controls the device using the Control Registers. The registers can be
written in any sequence and any number of bits can be altered in a register in one write.
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LP55281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com