Electronic Components Datasheet Search
  English  ▼

X  

LP55281 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP55281
Description  Quad RGB Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP55281 Datasheet(HTML) 4 Page - Texas Instruments

  LP55281 Datasheet HTML 1Page - Texas Instruments LP55281 Datasheet HTML 2Page - Texas Instruments LP55281 Datasheet HTML 3Page - Texas Instruments LP55281 Datasheet HTML 4Page - Texas Instruments LP55281 Datasheet HTML 5Page - Texas Instruments LP55281 Datasheet HTML 6Page - Texas Instruments LP55281 Datasheet HTML 7Page - Texas Instruments LP55281 Datasheet HTML 8Page - Texas Instruments LP55281 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
SW
GND_SW
R1
G1
B1
R2
G2
B2
Li-Ion
Battery
Or
Charger
FB
VDD2
8-Bit IDAC
D
A
MCU
SCK/SCL
SI/A0
SS/SDA
IF_SEL
LDO
BIAS
REF
THSD
POR
OSC
SPI
I2C
CONTROL
BG
BOOST
PWM
RGB
Up to
40 mA/
LED
ASE1
SINGLE
ENDED
ANALOG
AUDIO
AUDIO
SYNC
SO
VDDIO
IRGB
IRT
VDDA
VREF
D1
VDD1
Logic supply
GNDA
GND
CVDDIO
100 nF
CVDDA
1 µF
CREF
100 nF
CIN
10 µF
CVDD
100 nF
LBoost
COUT
10 µF
IMAX = 300...400 mA
VOUT = 4...5.3 V
RRGB
RRT
D
A
ASE2
PWM
CTRL
GND_RGB2
GND_RGB1
R3
G3
B3
R4
G4
B4
Audio
Synchronized
LED up to
15 mA
ALED
NRST
4.7 µH
LP55281
SNVS458B – JUNE 2007 – REVISED JUNE 2007
www.ti.com
Block Diagram
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LP55281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com