Electronic Components Datasheet Search
  English  ▼

X  

LP55281 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP55281
Description  Quad RGB Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP55281 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP55281 Datasheet HTML 9Page - Texas Instruments LP55281 Datasheet HTML 10Page - Texas Instruments LP55281 Datasheet HTML 11Page - Texas Instruments LP55281 Datasheet HTML 12Page - Texas Instruments LP55281 Datasheet HTML 13Page - Texas Instruments LP55281 Datasheet HTML 14Page - Texas Instruments LP55281 Datasheet HTML 15Page - Texas Instruments LP55281 Datasheet HTML 16Page - Texas Instruments LP55281 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
0.0
140.0
280.0
420.0
560.0
700.0
5.1
4.8
4.5
4.2
3.9
3.6
VIN = 3.6V
f = 2 MHz
L -TDK VLF4012AT 4.7 é
H
CIN = COUT = 10 éF
OUTPUT CURRENT (mA)
LP55281
www.ti.com
SNVS458B – JUNE 2007 – REVISED JUNE 2007
Figure 12. Boost Load Regulation, 50 - 100 mA
Figure 13. Output Voltage vs Load Current
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP55281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com