Electronic Components Datasheet Search
  English  ▼

X  

LM3679 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM3679
Description  3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3679 Datasheet(HTML) 4 Page - Texas Instruments

  LM3679 Datasheet HTML 1Page - Texas Instruments LM3679 Datasheet HTML 2Page - Texas Instruments LM3679 Datasheet HTML 3Page - Texas Instruments LM3679 Datasheet HTML 4Page - Texas Instruments LM3679 Datasheet HTML 5Page - Texas Instruments LM3679 Datasheet HTML 6Page - Texas Instruments LM3679 Datasheet HTML 7Page - Texas Instruments LM3679 Datasheet HTML 8Page - Texas Instruments LM3679 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LM3679
SNVS510A – SEPTEMBER 2007 – REVISED FEBRUARY 2008
www.ti.com
ELECTRICAL CHARACTERISTICS
(1) (2) (3)
Limits in standard typeface are for TJ = TA = 25°C. Limits in boldface type apply over the operating ambient temperature
range (
−30°C ≤ TA ≤ +85°C). Unless otherwise noted, specifications apply to the LM3679TL/UR with VIN = EN = 3.6V.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIN
Input Voltage
(4)
2.5
5.5
V
VFB
Feedback Voltage
PWM mode
-2.5
+2.5
%
VREF
Internal Reference Voltage
0.5
V
ISHDN
Shutdown Supply Current
EN = 0V
0.01
1
µA
IQ
DC Bias Current into VIN
No load, device is not switching
16
35
µA
RDSON (P)
Pin-Pin Resistance for PFET
VIN= VGS= 3.6V, ISW= 100mA
350
450
m
Ω
RDSON (N)
Pin-Pin Resistance for NFET
VIN= VGS= 3.6V, ISW= -100mA
150
250
m
Ω
ILIM
Switch Peak Current Limit
Open Loop(5)
820
950
1075
mA
VIH
Logic High Input
1.0
V
VIL
Logic Low Input
0.4
V
IEN
Enable (EN) Input Current
0.01
1
µA
FOSC
Internal Oscillator Frequency
PWM Mode
2.5
3
3.5
MHz
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are guaranteed by design, test or statistical analysis. Typical numbers are not guaranteed, but do represent the most
likely norm.
(3)
The parameters in the electrical characteristic table are tested under open loop conditions at VIN= 3.6V unless otherwise specified. For
performance over the input voltage range and closed loop condition, refer to the datasheet curves.
(4)
Input voltage will depend on IOUT MAX value. IOUT MAX = 300mA -> VIN = 2.5 to 5.5V. IOUT MAX = 350mA - > VIN = 2.7V to 5.5V
(5)
Refer to datasheet curves for closed loop data and its variation with regards to supply voltage and temperature. Electrical Characteristic
table reflects open loop data (FB=0V and current drawn from SW pin ramped up until cycle by cycle current limit is activated). Closed
loop current limit is the peak inductor current measured in the application circuit by increasing output current until output voltage drops
by 10%.
DISSIPATION RATING TABLE
θJA
TA≤ 25°C
TA= 60°C
TA= 85°C
Power Rating
Power Rating
Power Rating
85°C/W (4-layer board)
1176 mW
765 mW
470 mW
4
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Links: LM3679



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com