Electronic Components Datasheet Search
  English  ▼

X  

LM3679 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3679
Description  3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3679 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3679 Datasheet HTML 9Page - Texas Instruments LM3679 Datasheet HTML 10Page - Texas Instruments LM3679 Datasheet HTML 11Page - Texas Instruments LM3679 Datasheet HTML 12Page - Texas Instruments LM3679 Datasheet HTML 13Page - Texas Instruments LM3679 Datasheet HTML 14Page - Texas Instruments LM3679 Datasheet HTML 15Page - Texas Instruments LM3679 Datasheet HTML 16Page - Texas Instruments LM3679 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LM3679
www.ti.com
SNVS510A – SEPTEMBER 2007 – REVISED FEBRUARY 2008
The RESR is frequency dependent (as well as temperature dependent); make sure the value used for calculations
is at the switching frequency of the part.
Table 3. Suggested Capacitors and Their Suppliers
Case Size
Model
Type
Vendor
Voltage Rating
Inch (mm)
4.7 µF for CIN
C1608X5R0J475
Ceramic, X5R
TDK
6.3V
0603 (1608)
C2012X5R0J475
Ceramic, X5R
TDK
6.3V
0805 (2012)
GRM21BR60J475
Ceramic, X5R
muRata
6.3V
0805 (2012)
GRM185R60J475M (0.5mm height) *
Ceramic, X5R
muRata
6.3V
0603 (1608) *
JMK107BJ475MK (0.5mm Height) *
Ceramic, X5R
Taiyo-Yuden
6.3V
0603 (1608) *
JMK212BJ475
Ceramic, X5R
Taiyo-Yuden
6.3V
0805 (2012)
10 µF for COUT
GRM185R60J475M(0.5mm height) **
Ceramic, X5R
muRata
6.3V
0603 (1608) X 2 **
JMK107BJ475MK(0.5mm height) **
Ceramic, X5R
Taiyo-Yuden
6.3V
0603 (1608) X 2 **
C1608X5R0J106
Ceramic, X5R
TDK
6.3V
0603 (1608)
C2012X5R0J106
Ceramic, X5R
TDK
6.3V
0805 (2012)
GRM21BR60J106
Ceramic, X5R
muRata
6.3V
0805 (2012)
JMK212BJ106
Ceramic, X5R
Taiyo-Yuden
6.3V
0805 (2012)
Note: * For Low Profile Solution
Note: ** For Low Profile solution use two 4.7uF in parallel for COUT.
Micro SMD PACKAGE ASSEMBLY AND USE
Use of the Micro SMD package requires specialized board layout, precision mounting and careful re-flow
techniques, as detailed in National Semiconductor Application Note 1112. Refer to the section "Surface Mount
Technology (SMD) Assembly Considerations". For best results in assembly, alignment ordinals on the PC board
should be used to facilitate placement of the device. The pad style used with Micro SMD package must be the
NSMD (non-solder mask defined) typ. This means that the solder-mask opening is larger than the pad size. This
prevents a lip that otherwise forms if the solder-mask and pad overlap, from holding the device off the surface of
the board and interfering with mounting. See Application Note 1112 for specific instructions how to do this. The
5-Bump package used for LM3679 has 300 micron solder balls and requires 10.82 mils pads for mounting on the
circuit board. The trace to each pad should enter the pad with a 90° entry angle to prevent debris from being
caught in deep corners. Initially, the trace to each pad should be 7 mil wide, for a section approximately 7 mil
long or longer, as a thermal relief. Then each trace should neck up or down to its optimal width. The important
criteria is symmetry. This ensures the solder bumps on the LM3679 re-flow evenly and that the device solders
level to the board. In particular, special attention must be paid to the pads for bumps A1 and A3, because GND
and VIN are typically connected to large copper planes, inadequate thermal relief can result in late or inadequate
re-flow of these bumps.
The Micro SMD package is optimized for the smallest possible size in applications with red or infrared opaque
cases. Because the Micro SMD package lacks the plastic encapsulation characteristic of larger devices, it is
vulnerable to light. Backside metallization and/or epoxy coating, along with front-side shading by the printed
circuit board, reduce this sensitivity. However, the package has exposed die edges. In particular, Micro SMD
devices are sensitive to light, in the red and infrared range, shining on the package’s exposed die edges.
BOARD LAYOUT CONSIDERATIONS
PC board layout is an important part of DC-DC converter design. Poor board layout can disrupt the performance
of a DC-DC converter and surrounding circuitry by contributing to EMI, ground bounce, and resistive voltage loss
in the traces. These can send erroneous signals to the DC-DC converter IC, resulting in poor regulation or
instability. Poor layout can also result in re-flow problems leading to poor solder joints between the Micro SMD
package and board pads. Poor solder joints can result in erratic or degraded performance.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3679



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com