Electronic Components Datasheet Search
  English  ▼

X  

LM3679 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM3679
Description  3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3679 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3679 Datasheet HTML 4Page - Texas Instruments LM3679 Datasheet HTML 5Page - Texas Instruments LM3679 Datasheet HTML 6Page - Texas Instruments LM3679 Datasheet HTML 7Page - Texas Instruments LM3679 Datasheet HTML 8Page - Texas Instruments LM3679 Datasheet HTML 9Page - Texas Instruments LM3679 Datasheet HTML 10Page - Texas Instruments LM3679 Datasheet HTML 11Page - Texas Instruments LM3679 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LM3679
SNVS510A – SEPTEMBER 2007 – REVISED FEBRUARY 2008
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
LM3679TL/UR, Circuit of Figure 1, VIN = 3.6V, VOUT = 1.8V, TA = 25°C, unless otherwise noted.
Mode Change by Load Transients
Load Transient Response
VOUT = 1.8V (PWM to PFM)
VOUT = 1.8V (PWM Mode)
Start Up into PWM Mode
Start Up into PFM Mode
VOUT = 1.8V (Output Current = 300mA)
VOUT = 1.8V (Output Current = 1mA)
OPERATION DESCRIPTION
DEVICE INFORMATION
The LM3679, a high efficiency step down DC-DC switching buck converter, delivers a constant voltage from a
single Li-Ion battery and input voltage rails from 2.5V to 5.5V such as cell phones and PDAs. Using a voltage
mode architecture with synchronous rectification, the LM3679 has the ability to deliver up to 350mA depending
on the input voltage and output voltage, ambient temperature, and the inductor chosen.
There are three modes of operation depending on the current required - PWM (Pulse Width Modulation), PFM
(Pulse Frequency Modulation), and shutdown. The device operates in PWM mode at load current of
approximately 80 mA or higher, having a voltage precision of ±2.5% with 90% efficiency or better. Lighter load
current causes the device to automatically switch into PFM mode for reduced current consumption (IQ = 16 µA
typ) and a longer battery life. Shutdown mode turns off the device, offering the lowest current consumption
(ISHUTDOWN = 0.01 µA typ).
Additional features include soft-start, under voltage protection, current overload protection, and thermal shutdown
protection. As shown in Figure 1, only three external power components are required for implementation.
Using the UR package allows for a low profile solution size (0.55mm max height, including external components).
The recommended external components are stated within the application information. The max output current is
300mA when these specific low profile external components are used.
The part uses an internal reference voltage of 0.5V. It is recommended to keep the part in shutdown until the
input voltage exceeds 2.5V.
CIRCUIT OPERATION
The LM3679 operates as follows. During the first portion of each switching cycle, the control block in the LM3679
turns on the internal PFET switch. This allows current to flow from the input through the inductor to the output
filter capacitor and load. The inductor limits the current to a ramp with a slope of (VIN–VOUT)/L, by storing energy
in a magnetic field.
8
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Links: LM3679



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com