Electronic Components Datasheet Search
  English  ▼

X  

LM3679 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3679
Description  3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3679 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3679 Datasheet HTML 7Page - Texas Instruments LM3679 Datasheet HTML 8Page - Texas Instruments LM3679 Datasheet HTML 9Page - Texas Instruments LM3679 Datasheet HTML 10Page - Texas Instruments LM3679 Datasheet HTML 11Page - Texas Instruments LM3679 Datasheet HTML 12Page - Texas Instruments LM3679 Datasheet HTML 13Page - Texas Instruments LM3679 Datasheet HTML 14Page - Texas Instruments LM3679 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
¸
¹
·
¨
©
§
f
1
L
2
!
ISAT
IOUTMAX + IRIPPLE
where IRIPPLE =
VOUT
VIN
¸
¹
·
¨
©
§
¸
¹
·
¨
©
§V
IN - VOUT
LM3679
www.ti.com
SNVS510A – SEPTEMBER 2007 – REVISED FEBRUARY 2008
SHUTDOWN MODE
Setting the EN input pin low (<0.4V) places the LM3679 in shutdown mode. During shutdown the PFET switch,
NFET switch, reference, control and bias circuitry of the LM3679 are turned off. Setting EN high (>1.0V) enables
normal operation. It is recommended to set EN pin low to turn off the LM3679 during system power up and
undervoltage conditions when the supply is less than 2.5V. Do not leave the EN pin floating.
SOFT START
The LM3679 has a soft-start circuit that limits in-rush current during start-up. During start-up the switch current
limit is increased in steps. Soft start is activated only if EN goes from logic low to logic high after Vin reaches
2.5V. Soft start is implemented by increasing switch current limit in steps of 200mA, 400mA, 600mA and 920mA
(typical switch current limit). The start-up time thereby depends on the output capacitor and load current
demanded at start-up. Typical start-up times with a 10µF output capacitor and 350mA load is 300 µs and with
1mA load is 200µs.
APPLICATION INFORMATION
INDUCTOR SELECTION
There are two main considerations when choosing an inductor; the inductor should not saturate, and the inductor
current ripple should be small enough to achieve the desired output voltage ripple. Different saturation current
rating specifications are followed by different manufacturers so attention must be given to details. Saturation
current ratings are typically specified at 25°C. However, ratings at the maximum ambient temperature of
application should be requested form the manufacturer. The minimum value of inductance to guarantee good
performance is 0.5µH for a 300mA application and 0.7µH for a 350mA application. Shielded inductors
radiate less noise and should be preferred.
There are two methods to choose the inductor saturation current rating.
Method 1:
The saturation current is greater than the sum of the maximum load current and the worst case average to peak
inductor current. This can be written as
(1)
•
IRIPPLE: average to peak inductor current
•
IOUTMAX: maximum load current (350mA)
•
VIN: maximum input voltage in application
•
L : min inductor value including worst case tolerances (30% drop can be considered for method 1)
•
f : minimum switching frequency (2.5MHz)
•
VOUT: output voltage
Method 2:
A more conservative and recommended approach is to choose an inductor that has saturation current rating
greater than the max current limit of 1075mA.
A 1.0 µH inductor with a saturation current rating of at least 1075 mA is recommended for most applications. The
inductor’s resistance should be less than 0.200
Ω for good efficiency. Table 2 lists suggested inductors and
suppliers. For low-cost applications, an unshielded bobbin inductor could be considered. For noise critical
applications, a toroidal or shielded-bobbin inductor should be used. A good practice is to lay out the board with
overlapping footprints of both types for design flexibility. This allows substitution of a low-noise shielded inductor
in the event that noise from low-cost bobbin models is unacceptable.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3679



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com