Electronic Components Datasheet Search
  English  ▼

X  

LM3677 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM3677
Description  3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3677 Datasheet(HTML) 3 Page - Texas Instruments

  LM3677 Datasheet HTML 1Page - Texas Instruments LM3677 Datasheet HTML 2Page - Texas Instruments LM3677 Datasheet HTML 3Page - Texas Instruments LM3677 Datasheet HTML 4Page - Texas Instruments LM3677 Datasheet HTML 5Page - Texas Instruments LM3677 Datasheet HTML 6Page - Texas Instruments LM3677 Datasheet HTML 7Page - Texas Instruments LM3677 Datasheet HTML 8Page - Texas Instruments LM3677 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
6 GND
TOP VIEW
SW 2
EN 3
BOTTOM VIEW
VIN 1
5 SW
4 FB
6 GND
5 SW
4 FB
VIN 1
SW 2
EN 3
Top View
Bottom View
A1
A3
Vin
EN
FB
SW
GND
Vin
EN
GND
SW
FB
C1
C3
B2
A3
A1
C3
C1
B2
LM3677
www.ti.com
SNVS502E – MARCH 2007 – REVISED OCTOBER 2008
CONNECTION DIAGRAM AND PACKAGE MARK INFORMATION
Figure 4. 5-Bump micro SMD Package
NS Package Number TLA05FEA
Figure 5. 5 Bump Micro SMD Package
Figure 6. 6 Pin LLP Package
Table 1. PIN DESCRIPTIONS(1)
Pin #
Name
Description
A1
1
VIN
Power supply input. Connect to the input filter capacitor (Figure 1).
A3
6
GND
Ground pin.
C1
3
EN
Enable pin. The device is in shutdown mode when voltage to this pin is < 0.4V and
enabled when > 1.0V. Do not leave this pin floating.
C3
4
FB
Feedback analog input. Connect directly to the output filter capacitor ( FIGURE 1).
B2
2, 5
SW
Switching node connection to the internal PFET switch and NFET synchronous
rectifier.
(1)
For output voltage 1.2V or lower, input voltage needs to be derated to the range of 2.7V to 5.0V in order to perform within specification.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3677



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com