Electronic Components Datasheet Search
  English  ▼

X  

LM3677 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3677
Description  3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3677 Datasheet(HTML) 1 Page - Texas Instruments

  LM3677 Datasheet HTML 1Page - Texas Instruments LM3677 Datasheet HTML 2Page - Texas Instruments LM3677 Datasheet HTML 3Page - Texas Instruments LM3677 Datasheet HTML 4Page - Texas Instruments LM3677 Datasheet HTML 5Page - Texas Instruments LM3677 Datasheet HTML 6Page - Texas Instruments LM3677 Datasheet HTML 7Page - Texas Instruments LM3677 Datasheet HTML 8Page - Texas Instruments LM3677 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LM3677
www.ti.com
SNVS502E – MARCH 2007 – REVISED OCTOBER 2008
LM3677 3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage
Circuits
Check for Samples: LM3677
1
FEATURES
APPLICATIONS
2
•
16 µA typical quiescent current
•
Mobile Phones
•
600 mA maximum load capability
•
PDAs
•
3 MHz PWM fixed switching frequency (typ.)
•
MP3 Players
•
Automatic PFM/PWM mode switching
•
W-LAN
•
Available in 5-bump micro SMD package and
•
Portable Instruments
6-pin LLP package
•
Digital Still Cameras
•
Internal synchronous rectification for high
•
Portable Hard Disk Drives
efficiency
•
Internal soft start
•
0.01 µA typical shutdown current
•
Operates from a single Li-Ion cell battery
•
Only three tiny surface-mount external
components required (solution size less than
20 mm2)
•
Current overload and thermal shutdown
protection
DESCRIPTION
The LM3677 step-down DC-DC converter is optimized for powering ultra-low voltage circuits from a single Li-Ion
cell battery and input voltage rails from 2.7V to 5.5V. It provides up to 600 mA load current over the entire input
voltage range. The LM3677 is configured to different fixed voltage output options as well as an adjustable output
voltage version range from 1.2V to 3.3V.
The device offers superior features and performance for mobile phones and similar portable applications with
complex power management systems. Automatic intelligent switching between PWM low-noise and PFM low-
current mode offers improved system control. During PWM mode operation, the device operates at a fixed
frequency of 3 MHz (typ). PWM mode drives loads from ~ 80 mA to 600 mA max. Hysteretic PFM mode extends
the battery life by reducing the quiescent current to 16 µA (typ.) during light load and standby operation. Internal
synchronous rectification provides high efficiency. In shutdown mode (Enable pin pulled down), the device turns
off and reduces battery consumption to 0.01 µA (typ.).
The LM3677 is available in a lead-free (NOPB) 5-bump micro SMD package and 6-pin LLP package. A switching
frequency of 3 MHz (typ.) allows use of tiny surface-mount components. Only three external surface-mount
components, an inductor and two ceramic capacitors, are required.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3677

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3677 NSC-LM3677 Datasheet
7Mb / 22P
3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 NSC-LM3677 Datasheet
7Mb / 24P
3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3677 TI-LM3677 Datasheet
11Mb / 28P
3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
National Semiconductor ...
LM3677LE-1.2 NSC-LM3677LE-1.2 Datasheet
7Mb / 22P
3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677LE-1.2 NSC-LM3677LE-1.2 Datasheet
7Mb / 24P
3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
More results

Similar Description - LM3677

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3670 NSC-LM3670 Datasheet
997Kb / 17P
Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Analog Devices
ADP2102 AD-ADP2102 Datasheet
230Kb / 7P
600mA 3MHz Synchronous Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3670 NSC-LM3670_06 Datasheet
978Kb / 17P
Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 NSC-LM3677_08 Datasheet
7Mb / 22P
3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677_0810 NSC-LM3677_0810 Datasheet
7Mb / 24P
3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3670MF-18 TI-LM3670MF-18 Datasheet
1Mb / 25P
LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MF-18 TI1-LM3670MF-18 Datasheet
1Mb / 25P
LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 TI1-LM3670_14 Datasheet
1Mb / 24P
Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 TI-LM3670_15 Datasheet
1Mb / 25P
LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI-LM3677_15 Datasheet
11Mb / 28P
3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com