Electronic Components Datasheet Search
  English  ▼

X  

LM3677 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM3677
Description  3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3677 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3677 Datasheet HTML 8Page - Texas Instruments LM3677 Datasheet HTML 9Page - Texas Instruments LM3677 Datasheet HTML 10Page - Texas Instruments LM3677 Datasheet HTML 11Page - Texas Instruments LM3677 Datasheet HTML 12Page - Texas Instruments LM3677 Datasheet HTML 13Page - Texas Instruments LM3677 Datasheet HTML 14Page - Texas Instruments LM3677 Datasheet HTML 15Page - Texas Instruments LM3677 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
LM3677
SNVS502E – MARCH 2007 – REVISED OCTOBER 2008
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
LM3677, Circuit of Figure 1, VIN = 3.6V, VOUT = 1.8V, TA = 25°C, unless otherwise noted.
Load Transient Response
Start Up into PWM Mode
VOUT = 2.5V (PWM Mode)
VOUT = 1.3V (Output Current= 300mA)
Start Up into PFM Mode
Start Up into PWM Mode
VOUT = 1.3V (Output Current= 1mA)
VOUT = 1.8V (Output Current= 300mA)
Start Up into PFM Mode
Start Up into PWM Mode
VOUT = 1.8V (Output Current= 1mA)
VOUT = 2.5V (Output Current= 300mA)
Start Up into PFM Mode
VOUT = 2.5V (Output Current= 1mA)
12
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Links: LM3677



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com