Electronic Components Datasheet Search
  English  ▼

X  

LM3677 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM3677
Description  3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3677 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3677 Datasheet HTML 13Page - Texas Instruments LM3677 Datasheet HTML 14Page - Texas Instruments LM3677 Datasheet HTML 15Page - Texas Instruments LM3677 Datasheet HTML 16Page - Texas Instruments LM3677 Datasheet HTML 17Page - Texas Instruments LM3677 Datasheet HTML 18Page - Texas Instruments LM3677 Datasheet HTML 19Page - Texas Instruments LM3677 Datasheet HTML 20Page - Texas Instruments LM3677 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
V
PP-RMS
=
V
PP-C
2 + V
PP-ESR
2
VPP-C =
4*f*C
IRIPPLE
LM3677
www.ti.com
SNVS502E – MARCH 2007 – REVISED OCTOBER 2008
Table 2. Suggested Inductors and Their Suppliers
Model
Vendor
Dimensions LxWxH(mm)
D.C.R (max)
MIPSA2520D 1R0
FDK
2.5 x 2.0 x 1.2
100 m
Ω
LQM2HP 1R0
Murata
2.5 x 2.0 x 0.95
100 m
Ω
BRL2518T1R0M
Taiyo Yuden
2.5x 1.8 x 1.2
80 m
Ω
OUTPUT CAPACITOR SELECTION
A ceramic output capacitor of 10 µF, 6.3V is sufficient for most applications. Use X7R or X5R types; do not use
Y5V. DC bias characteristics of ceramic capacitors must be considered when selecting case sizes like 0603 and
0805. DC bias characteristics vary from manufacturer to manufacturer and dc bias curves should be requested
from them as part of the capacitor selection process.
The minimum output capacitance to guarantee good performance is 5.75 µF at 2.5V DC bias including
tolerances and over ambient temperature range. The output filter capacitor smooths out current flow from the
inductor to the load, helps maintain a steady output voltage during transient load changes and reduces output
voltage ripple. These capacitors must be selected with sufficient capacitance and sufficiently low ESR to perform
these functions.
The output voltage ripple is caused by the charging and discharging of the output capacitor and by the RESR and
can be calculated as:
Voltage peak-to-peak ripple due to capacitance can be expressed as follows
(3)
Voltage peak-to-peak ripple due to ESR can be expressed as follows
VPP-ESR = (2 * IRIPPLE) * RESR
Because these two components are out of phase the rms (root mean squared) value can be used to get an
approximate value of peak-to-peak ripple.
Voltage peak-to-peak ripple, rms can be expressed as follow:
(4)
Note that the output voltage ripple is dependent on the inductor current ripple and the equivalent series
resistance of the output capacitor (RESR).
The RESR is frequency dependent (as well as temperature dependent); make sure the value used for calculations
is at the switching frequency of the part.
Table 3. Suggested Capacitors and Their Suppliers
Case Size
Model
Type
Vendor
Voltage Rating
Inch (mm)
4.7 µF for CIN
C1608X5R0J475
Ceramic, X5R
TDK
6.3V
0603 (1608)
C2012X5R0J475
Ceramic, X5R
TDK
6.3V
0805 (2012)
GRM21BR60J475
Ceramic, X5R
muRata
6.3V
0805 (2012)
JMK212BJ475
Ceramic, X5R
Taiyo-Yuden
6.3V
0805 (2012)
10 µF for COUT
C1608X5R0J106
Ceramic, X5R
TDK
6.3V
0603 (1608)
C2012X5R0J106
Ceramic, X5R
TDK
6.3V
0805 (2012)
GRM21BR60J106
Ceramic, X5R
muRata
6.3V
0805 (2012)
JMK212BJ106
Ceramic, X5R
Taiyo-Yuden
6.3V
0805 (2012)
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3677



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com