Electronic Components Datasheet Search
  English  ▼

X  

GC5316 Datasheet(PDF) 34 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GC5316 Datasheet(HTML) 34 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 30Page - Texas Instruments GC5316 Datasheet HTML 31Page - Texas Instruments GC5316 Datasheet HTML 32Page - Texas Instruments GC5316 Datasheet HTML 33Page - Texas Instruments GC5316 Datasheet HTML 34Page - Texas Instruments GC5316 Datasheet HTML 35Page - Texas Instruments GC5316 Datasheet HTML 36Page - Texas Instruments GC5316 Datasheet HTML 37Page - Texas Instruments GC5316 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 76 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
34
Table 8. Programming
VARIABLE
DESCRIPTION
crastsrttap_cfir(4:0)
These bits define the number of taps that CFIR uses for the filtering. DUC CFIR: (2 x
crastarttap_cfir) +1, Note: crastarttap_cfir must be odd.
symmetric_cfir
Set to 1 if filter is symmetric. Saves a bit of power.
cfir_gain
CFIR gain adjustment.
The PFIR filter’s 18-bit coefficients are loaded by the software cmd5316. The user must
provide a coefficient file with one integer coefficient per line. Note that the PFIR filter
coefficients are shared by the A and B signals in CDMA mode.
3.1.5.3
Transmit CIC Filter
18
Out
Z
−m1
Z
−1
Zero Pad
by 3−31
Z
−1
Z
−1
Z
−1
Z
−1
Shift
0− 31
&
Round
50
Shift
N
18
Z
−m2
Z
−m3
Z
−m4
Z
−m5
Z
−1
m1, m2, m3, m4, m5, m6 = 1 or 2
Z
−m6
In
24
19
20
21
22
23
24
29
34
39
44
Force 0
Figure 28. Transmit CIC Filter
The transmit six stage CIC filter interpolates over a programmable range from 4 to 32. The filter is made up of six
banks of 24-bit subtractor sections followed by six banks of integrator sections. Each of the six subtractor sections
can be independently programmed with a differential delay of one or two. A shift block follows the last integration stage
and can shift the 50-bit accumulated data down by 31−TCIC_SHIFT bits yielding 18-bit output data.
The CIC filter exhibits a droop across its frequency response. Usually the preceding CFIR filter precompensates for
the CIC droop with a gradually rising frequency response. However, it is also possible to provide the precompensation
in the PFIR filter.
CIC interpolation filters can become unstable if an external event (such as a cosmic particle) disturbs a storage node
in the CIC integrator section. This can add a bias which subsequently integrates out of control. The GC5316 transmit
CIC employs a patented method to detect and then automatically flush and reset the filter. Register bits are available
to disable and to test this auto-flush feature. A maskable interrupt becomes active if a CIC error occurred.
The gain of the CIC filter is: Ncic5 x 2(number ofstages where M=2) x 2(CIC_SCALE − 31) where CIC_SCALE is 0 to 31. Ncic
is the interpolation ratio and is programmed as cic_interp_decim + 1.
Since the CIC output is full rate for both UMTS and CDMA, a complete hardware path is required for each of the
signals A and B from this point on in the transmit signal path. For CDMA, there are four independent CIC filters (I/Q
for signal A and I/Q for signal B). For UMTS, the two signal B CIC filters are disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com