Electronic Components Datasheet Search
  English  ▼

X  

GC5316 Datasheet(PDF) 11 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GC5316 Datasheet(HTML) 11 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 7Page - Texas Instruments GC5316 Datasheet HTML 8Page - Texas Instruments GC5316 Datasheet HTML 9Page - Texas Instruments GC5316 Datasheet HTML 10Page - Texas Instruments GC5316 Datasheet HTML 11Page - Texas Instruments GC5316 Datasheet HTML 12Page - Texas Instruments GC5316 Datasheet HTML 13Page - Texas Instruments GC5316 Datasheet HTML 14Page - Texas Instruments GC5316 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
11
a) Plot Without Dither or Phase Initialization
b) Plot With Dither and Phase Initialization
Figure 10. NCO Peak Spur Plot
The tuning frequency is specified as a 32-bit frequency word and is programmed as two sequential 16-bit words over
the control port. The NCO operates at the same speed as the rx_distribution or rxclk / (tadj_interp_decim + 1). The
NCO frequency resolution is simply the Fclk/ 232. As an example, at an input clock rate of 61.44 MHz, the frequency
step size would be approximately 14 milli-Hertz (mHz). The frequency word is determined by the following formula:
Frequency Word (in decimal)
+ 232
Tuning Frequency
F
clk
Note that frequency tuning words can be positive or negative valued. Specifying a positive frequency value translates
negative frequencies upwards towards 0 Hz. Specifying a negative tuning frequency translates positive frequencies
downwards towards 0 Hz.
Table 9. Programming
VARIABLE
DESCRIPTION
phase_add_a(31:0)
32-bit tuning frequency word for the A-side DDC when in CDMA mode. Also for UMTS mode.
phase_add_b(31:0)
32-bit tuning frequency word for the B-side DDC when in CDMA mode. Not used in UMTS mode.
Each of the 24 CDMA DDC channels can be loaded with unique frequency words.
The phase of the NCO’s Sin/Cos output can be adjusted relative to the phase of other channel NCOs by specifying
a phase offset. The phase offset is programmed as a 16-bit word, yielding a step size of about 5.5 milliDegrees. The
phase offset word is determine by the formula:
Phase Offset Word
+ 216
Offset in Degrees
360
or
Phase Offset Word
+ 216
Offset in Radians
2
p
Table 10. Programming
VARIABLE
DESCRIPTION
phase_offset_a(15:0)
16-bit phase offset word for the A-side DDC when in CDMA mode. Also for UMTS mode.
phase_offset_b(15:0
16-bit phase offset word for the B-side DDC when in CDMA mode. Not used in UMTS mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com