Electronic Components Datasheet Search
  English  ▼

X  

GC5316 Datasheet(PDF) 49 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GC5316 Datasheet(HTML) 49 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 45Page - Texas Instruments GC5316 Datasheet HTML 46Page - Texas Instruments GC5316 Datasheet HTML 47Page - Texas Instruments GC5316 Datasheet HTML 48Page - Texas Instruments GC5316 Datasheet HTML 49Page - Texas Instruments GC5316 Datasheet HTML 50Page - Texas Instruments GC5316 Datasheet HTML 51Page - Texas Instruments GC5316 Datasheet HTML 52Page - Texas Instruments GC5316 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
49
5.1
cmd5316 Keywords
These keywords are used by the cmd5316 program to set general configuration parameters.
NAME
ARGUMENT
USE
DESCRIPTION
print
config
Global
Tells cmd5316 to generate a configuration output file for general use.
print
gc101
Global
Tells cmd5316 to generate a configuration output file for GC101 use.
print
analysis
Global
Tells cmd5316 to generate a analysis output file
print
table
Global
Tells cmd5316 to generate a table output file
print
power
Global
Tells cmd5316 to generate an approximate power consumption output
file.
rxclk
clock frequency in MHz
Global
Used to calculate receive tuning frequencies
txclk
clock frequency in MHz
Global
Used to calculate transmit tuning frequencies
adc_resampler
filename for resampler taps
General Receive
Specifies the filename containing the resampler taps
ddc
channel number
DDC Channels
All controls after this keyword apply to this DDC channel
copy_ddcchan
channel number
DDC Channels
Copy the DDC channel commands from the specified channel to the
current channel
duc
channel_number
DUC Channels
All controls after this keyword apply to this DUC channel
copy_ducchan
channel_number
DUC Channels
Copy the DUC channel commands from the specified channel to the
current channel
freqa
tuning frequency in MHz
DDCs and DUCs
Sets the NCO tuning frequency for the UMTS channel or for the
a-path in the current channel if in CDMA mode.
freqb
tuning frequency in MHz
DDCs and DUCs
Sets the NCO tuning frequency for the b-path in the current channel if
in CDMA mode.
pfir_coeff
filename for pfir taps
DDCs and DUCs
Specifies the filename containing the pfir taps
cfir_coeff
filename for cfir taps
DDCs and DUCs
Specifies the filename containing the cfir taps
overall_gaina
overall channel gain
DDCs and DUCs
Optional − Specifies the overall gain for the UMTS channel or the
a-path in the current channel if in CDMA mode.
overall_gainb
overall channel gain
DDCs and DUCs
Optional − Specifies the overall gain for the b-path in the current
channel if in CDMA mode.
5.1.1 GC5316 DIMM Keywords
These keywords are used to control how the GC5316 DIMM operates in the GC101 evaluation board.
NAME
ARGUMENT
TYPE
DEFAULT
USE
DESCRIPTION
loopback
0 or 1
G
0
GC5316 DIMM
When asserted, txout_a output connected to rxin_a input, else rxin_a
input from GC101.
spin0
0 or 1
G
0
GC5316 DIMM
When asserted, txin_[0:5]_[a:b] ports are active, else data from
GC101 assumed to go to rxin_a .
spin1
0 or 1
G
0
GC5316 DIMM
When asserted, txin_[6:11]_[a:b] ports are active, else data from
GC101 assumed to go to rxin_b .
sigout0
0−3
G
3
GC5316 DIMM
00 – txout_a enabled, 01 – txout_c enabled, 10 – rxout_[0:3]_[a:d]
enabled, 11 − none enabled.
sigout1
0−3
G
3
GC5316 DIMM
00 – txout_b enabled, 01 – txout_d enabled, 10 – rxout_[4:7]_[a:d]
enabled, 11 − none enabled.
txout_lsb
0 or 1
G
0
GC5316 DIMM
When asserted, the 2 lsb’s each of active txout are output to GC101,
else the various strobes/syncouts are output.
sel_syncout
0−3
G
3
GC5316 DIMM
(if txout_lsb=0) selects which signals are output. 00−tx_sync_out +
tx_i_flag, 01−sync_tst + aflag_tst, 10−tx_sync_out0 + interrupt,
11−rx_sync_out + test6 .
res_op_en
0−3
G
3
GC5316 DIMM
(if txout_lsb=0) when 00, test 9 + test11 is output , test7 + test8 data
is output if 01, and rx_sync_out0 when 10.
sel_clkout
0−3
G
0
GC5316 DIMM
Selects the output clock source. 00 − txclk_out, 01−clk_tst,
10−clkout+.
adcclk_set
0 or 1
G
0
GC5316 DIMM
When asserted, gated adcclk. When 0, NOR gate bypassed (i.e.
adcclk will be the same as rxclk).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com