Electronic Components Datasheet Search
  English  ▼

X  

GC5316 Datasheet(PDF) 39 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GC5316 Datasheet(HTML) 39 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 35Page - Texas Instruments GC5316 Datasheet HTML 36Page - Texas Instruments GC5316 Datasheet HTML 37Page - Texas Instruments GC5316 Datasheet HTML 38Page - Texas Instruments GC5316 Datasheet HTML 39Page - Texas Instruments GC5316 Datasheet HTML 40Page - Texas Instruments GC5316 Datasheet HTML 41Page - Texas Instruments GC5316 Datasheet HTML 42Page - Texas Instruments GC5316 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
39
The phase of the NCO’s Sin/Cos output can be adjusted relative to the phase of other channel NCOs by specifying
a phase offset. The phase offset is programmed as a 16-bit word, yielding a step size of about 5.5 milliDegrees. The
phase offset word is determine by the following formula:
Phase Offset Word= 216 x Offset_in_Degrees / 360 or,
Phase Offset Word= 216 x Offset_in_Radians / 2
π
Table 14. Programming
VARIABLE
DESCRIPTION
phase_offset_a(15:0)
16-bit phase offset word for the A signal when in CDMA mode. Also for UMTS mode.
phase_offset_b(15:0)
16-bit phase offset word for the B signal when in CDMA mode. Not used in UMTS mode.
Various synchronization signals are available, which are used to synchronize the NCOs of all channels with respect
to each other. Frequency sync and phase offset sync determine when frequency and phase offset changes occur.
For example, generating a frequency sync after programming the two frequency words causes the NCO (or multiple
NCOs) to change frequency at that time, rather than after each of the three frequency words is programmed over
the control bus. The zero phase sync signal is used to force the sine and cosine oscillators to their zero phase state.
Dither sync can be used to synchronize the dither generators of multiple NCOs. The NCOs used in the transmit
section are identical to what is described for the receive section.
Table 15. Programming
VARIABLE
DESCRIPTION
ssel_nco(2:0)
Sync source for NCO accumulator reset
ssel_dither(2:0)
Sync source for NCO dither reset
ssel_freq(2:0)
Sync source for NCO frequency register loading
ssel_phase(2:0)
Sync source for NCO phase register loading



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com