Electronic Components Datasheet Search
  English  ▼

X  

GC5316 Datasheet(PDF) 41 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GC5316 Datasheet(HTML) 41 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 37Page - Texas Instruments GC5316 Datasheet HTML 38Page - Texas Instruments GC5316 Datasheet HTML 39Page - Texas Instruments GC5316 Datasheet HTML 40Page - Texas Instruments GC5316 Datasheet HTML 41Page - Texas Instruments GC5316 Datasheet HTML 42Page - Texas Instruments GC5316 Datasheet HTML 43Page - Texas Instruments GC5316 Datasheet HTML 44Page - Texas Instruments GC5316 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 76 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
41
Table 16. Programming
VARIABLE
DESCRIPTION
sumchn_sel_a(3:0)
Enable bits signal A contribution to the four sum chain outputs.
Signal A Out
0000
Signal A added to no busses
0001
Signal A I/Q to bus0
0010
Signal A I/Q to bus1
0010
Signal A I/Q to bus1
0100
Signal A I/Q to bus2
1000
Signal A I/Q to bus3
Note: Signal A output can contribute to any combination of the four sumchain outputs.
The above 4-bit code can range from 0 to 15.
sumchn_sel_b(3:0)
Enable bits for signal B contribution to the four sum chains (only when in CDMA
mode).
Signal B Out
0000
Signal B added to no busses
0001
Signal B I/Q to bus0
0010
Signal B I/Q to bus1
0100
Signal B I/Q to bus2
1000
Signal B I/Q to bus3
Note: Signal B output can contribute to any combination of the four sumchain outputs.
The above 4-bit code can range from 0 to 15.
3.2
Transmit Sum Chain Shifting and Rounding
Figure 35. Final Sum Chain Scale and Round Block
Summed data is scaled from 26 bits down to 18 bits. The desired 18 bits can be taken anywhere over the 26 bit sum
chain output window via a programmable register. These 18 bits can range from sumchain(25:8) on the top end, to
sumchain (17:0) on the bottom end of the 26 bit output.
The scaled data is then hard-limited and rounded to 18, 16, 14, or 12 bits. Rounded data is MSB justified with the
bottom bits zeroed. For example, 12-bit rounding would force the output data to the top 12 bits of the 18-bit word and
the bottom 6 bits would be zeroed.
Gain = 2interf_scale−5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com