Electronic Components Datasheet Search
  English  ▼

X  

MB91106 Datasheet(PDF) 70 Page - fujitsu semiconductor

Part # MB91106
Description  32-bit RISC Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91106 Datasheet(HTML) 70 Page - fujitsu semiconductor

Back Button MB91106 Datasheet HTML 66Page - fujitsu semiconductor MB91106 Datasheet HTML 67Page - fujitsu semiconductor MB91106 Datasheet HTML 68Page - fujitsu semiconductor MB91106 Datasheet HTML 69Page - fujitsu semiconductor MB91106 Datasheet HTML 70Page - fujitsu semiconductor MB91106 Datasheet HTML 71Page - fujitsu semiconductor MB91106 Datasheet HTML 72Page - fujitsu semiconductor MB91106 Datasheet HTML 73Page - fujitsu semiconductor MB91106 Datasheet HTML 74Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 116 page
background image
MB91106 Series
70
(3) Clock Output Timing
(VCC = 3.0 V to 3.6 V, VSS = AVSS = 0.0 V, TA = 0
°C to +70°C)
*1: For information on tCP (internal operating clock cycle time), see “(2) Clock Timing Rating.”
*2: tCYC is a frequency for 1 clock cycle including a gear cycle.
Use the doublure when CPU frequency is above 25 MHz.
*3: Rating at a gear cycle of
× 1.
When a gear cycle of 1/2, 1/4, 1/8 is selected, substitute “n” in the following equations with 1/2, 1/4, 1/8,
respectively.
Min. : (1 – n/2)
× tCYC – 10
Max. : (1 – n/2)
× tCYC + 10
Select a gear cycle of
× 1 when using the doublure.
*4: Rating at a gear cycle of
× 1.
When a gear cycle of 1/2, 1/4, 1/8 is selected, substitute “n” in the following equations with 1/2, 1/4, 1/8,
respectively.
Min. : n/2
× tCYC – 10
Max. : n/2
× tCYC + 10
Select a gear cycle of
× 1 when using the doublure.
Parameter
Symbol
Pin name
Condition
Value
Unit
Remarks
Min.
Max.
Cycle time
tCYC
CLK
—
tCP*1
—ns
*2
tCYC
CLK
Using the
doublure
2
× tCP*1
—ns
CLK
↑ → CLK ↓
tCHCL
CLK
—
1/2
× tCYC – 5
1/2
× tCYC + 5
ns
*3
CLK
↓ → CLK ↑
tCLCH
CLK
1/2
× tCYC – 5
1/2
× tCYC + 5
ns
*4
CLK
tCYC
tCHCL
tCLCH
VOH
VOH
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com