Electronic Components Datasheet Search
  English  ▼

X  

MB91106 Datasheet(PDF) 39 Page - fujitsu semiconductor

Part # MB91106
Description  32-bit RISC Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91106 Datasheet(HTML) 39 Page - fujitsu semiconductor

Back Button MB91106 Datasheet HTML 35Page - fujitsu semiconductor MB91106 Datasheet HTML 36Page - fujitsu semiconductor MB91106 Datasheet HTML 37Page - fujitsu semiconductor MB91106 Datasheet HTML 38Page - fujitsu semiconductor MB91106 Datasheet HTML 39Page - fujitsu semiconductor MB91106 Datasheet HTML 40Page - fujitsu semiconductor MB91106 Datasheet HTML 41Page - fujitsu semiconductor MB91106 Datasheet HTML 42Page - fujitsu semiconductor MB91106 Datasheet HTML 43Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 116 page
background image
39
MB91106 Series
2.
DMA Controller (DMAC)
The DMA controller is a module embedded in FR family devices, and performs DMA (direct memory access)
transfer.
DMA transfer performed by the DMA controller transfers data without intervention of CPU, contributing to
enhanced performance of the system.
• 8 channels
• Mode: single/block transfer, burst transfer and continuous transfer: 3 kinds of transfer
• Transfer all through the area
• Max. 65536 of transfer cycles
• Interrupt function right after the transfer
• Selectable for address transfer increase/decrease by the software
• External transfer request input pin, external transfer request accept output pin, external transfer complete
output pin three pins for each
(1) Registers configuration
• DMAC internal registers
bit 31
bit 0
Address
00000200H
XXXXXXXX B
XXXXXXXX B
XXXXXXXX B
X 0000000 B
Initial value
:Access
: Readable and writable
: Indeterminate
DPDP
( )
R/W
X
DACSR
DATCR
(R/W)
(R/W)
(R/W)
• DMAC parameter descriptor pointer
• DMAC control status register
• DMAC pin control register
bit 31
bit 0
bit 31
bit 0
Address
00000208H
00000000 B
00000000 B
00000000 B
00000000 B
Initial value
XXXXXXXX B
X X 000000 B
X X 000000 B
X X 000000 B
Initial value
Address
00000204H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com