Electronic Components Datasheet Search
  English  ▼

X  

MB91106 Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB91106
Description  32-bit RISC Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91106 Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB91106 Datasheet HTML 17Page - fujitsu semiconductor MB91106 Datasheet HTML 18Page - fujitsu semiconductor MB91106 Datasheet HTML 19Page - fujitsu semiconductor MB91106 Datasheet HTML 20Page - fujitsu semiconductor MB91106 Datasheet HTML 21Page - fujitsu semiconductor MB91106 Datasheet HTML 22Page - fujitsu semiconductor MB91106 Datasheet HTML 23Page - fujitsu semiconductor MB91106 Datasheet HTML 24Page - fujitsu semiconductor MB91106 Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 116 page
background image
21
MB91106 Series
2.
Registers
The FR family has two types of registers; dedicated registers embedded on the CPU and general-purpose
registers on memory.
• Dedicated registers
Program counter (PC):
32-bit length, indicates the location of the instruction to be executed.
Program status (PS):
32-bit length, register for storing register pointer or condition codes
Table base register (TBR):
Holds top address of vector table used in EIT (Exceptional/Interrupt/Trap)
processing.
Return pointer (RP):
Holds address to resume operation after returning from a subroutine.
System stack pointer (SSP): Indicates system stack space.
User's stack pointer (USP): Indicates user’s stack space.
Multiplication/division result register (MDH/MDL): 32-bit length, register for multiplication/division
• Program status (PS)
The PS register is for holding program status and consists of a condition code register (CCR), a system condition
code register (SCR) and a interrupt level mask register (ILM).
PC
PS
TBR
RP
SSP
USP
MDH
MDL
Initial value
Program counter
Program status
Table base register
Return pointer
System stack pointer
User’s stack pointer
Multiplication/division result register
XXXX XXXXH
Indeterminate
000F
FC00H
XXXX XXXXH
Indeterminate
0000
0000H
XXXX XXXXH
Indeterminate
XXXX XXXXH
Indeterminate
XXXX XXXXH
Indeterminate
32 bits
—
ILM4ILM3ILM2ILM1
—
ILM0
D1
D0
T
—
S
—
ZC
V
N
I
31
20
19
18
17
16
10
9
8
7
5
62
0
1
3
4
ILM
SCR
CCR
PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com