Electronic Components Datasheet Search
  English  ▼

X  

MB91106 Datasheet(PDF) 26 Page - fujitsu semiconductor

Part # MB91106
Description  32-bit RISC Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91106 Datasheet(HTML) 26 Page - fujitsu semiconductor

Back Button MB91106 Datasheet HTML 22Page - fujitsu semiconductor MB91106 Datasheet HTML 23Page - fujitsu semiconductor MB91106 Datasheet HTML 24Page - fujitsu semiconductor MB91106 Datasheet HTML 25Page - fujitsu semiconductor MB91106 Datasheet HTML 26Page - fujitsu semiconductor MB91106 Datasheet HTML 27Page - fujitsu semiconductor MB91106 Datasheet HTML 28Page - fujitsu semiconductor MB91106 Datasheet HTML 29Page - fujitsu semiconductor MB91106 Datasheet HTML 30Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 116 page
background image
MB91106 Series
26
(Continued)
Address
Register name
(abbreviated)
Register name
Read/write
Resources
name
Initial value
000028H
TMRLR0
16-bit reload register 0
W
16-bit reload
timer 0
XXXXXXXX B
000029H
XXXXXXXX B
00002AH
TMR0
16-bit timer register 0
R
XXXXXXXX B
00002BH
XXXXXXXX B
00002CH
(Vacancy)
00002DH
00002EH
TMCSR0
16-bit reload timer control status
register 0
R/W
16-bit reload
timer 0
––––0000 B
00002FH
00000000 B
000030H
TMRLR1
16-bit reload register 1
W
16-bit reload
timer 1
XXXXXXXX B
000031H
XXXXXXXX B
000032H
TMR1
16-bit timer register 1
R
XXXXXXXX B
000033H
XXXXXXXX B
000034H
(Vacancy)
000035H
000036H
TMCSR1
16-bit reload timer control status
register 1
R/W
16-bit reload
timer 1
––––0000 B
000037H
00000000 B
000038H
ADCR
A/D converter data register
R
10-bit A/D
converter
000000 X X B
000039H
XXXXXXXX B
00003AH
ADCS
A/D converter control status register
R/W
00000000 B
00003BH
00000000 B
00003CH
TMRLR2
16-bit reload register 2
W
16-bit reload
timer 2
XXXXXXXX B
00003DH
XXXXXXXX B
00003EH
TMR2
16-bit timer register 2
R
XXXXXXXX B
00003FH
XXXXXXXX B
000040H
(Vacancy)
000041H
000042H
TMCSR2
16-bit reload timer control status
register 2
R/W
16-bit reload
timer 2
––––0000 B
000043H
00000000 B
000044H
to
000077H
(Vacancy)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com