Electronic Components Datasheet Search
  English  ▼

X  

MB91106 Datasheet(PDF) 8 Page - fujitsu semiconductor

Part # MB91106
Description  32-bit RISC Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91106 Datasheet(HTML) 8 Page - fujitsu semiconductor

Back Button MB91106 Datasheet HTML 4Page - fujitsu semiconductor MB91106 Datasheet HTML 5Page - fujitsu semiconductor MB91106 Datasheet HTML 6Page - fujitsu semiconductor MB91106 Datasheet HTML 7Page - fujitsu semiconductor MB91106 Datasheet HTML 8Page - fujitsu semiconductor MB91106 Datasheet HTML 9Page - fujitsu semiconductor MB91106 Datasheet HTML 10Page - fujitsu semiconductor MB91106 Datasheet HTML 11Page - fujitsu semiconductor MB91106 Datasheet HTML 12Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 116 page
background image
MB91106 Series
8
*1: FPT-100P-M05
(Continued)
*2: FPT-100P-M06
Pin no.
Pin name
Circuit
type
Function
LQFP*1
QFP*2
96
99
RAS0
E
RAS output for DRAM bank 0
PB0
Can be configured as general purpose I/O port when RAS0 is
not used.
97
100
CS0L
E
CASL output for DRAM bank 0
PB1
Can be configured as general purpose I/O port when CS0L is
not used.
98
1
CS0H
E
CASH output for DRAM bank 0
PB2
Can be configured as general purpose I/O port when CS0H is
not used.
99
2
DW0
EWE output for DRAM bank 0 (“L” active)
PB3
Can be configured as general purpose I/O port when DW0 is
not used.
100
3
RAS1
E
RAS output for DRAM bank 1
PB4
Can be configured as general purpose I/O port when RAS1
and EOP2 are not used.
EOP2
DMAC EOP output (ch. 2)
This function is available when DMAC EOP output is enabled.
1
4
CS1L
E
CASL output for DRAM bank 1
PB5
Can be configured as general purpose I/O port when CS1L
and DREQ are not used.
DREQ2
External transfer request input pin for DMA
This pin is used for input when external trigger is selected to
cause DMAC operation, and it is necessary to disable output
for other functions from this pin unless such output is made
intentionally.
2
5
CS1H
E
CASH output for DRAM bank 1
PB6
Can be configured as general purpose I/O port when CS1H
and DACK2 are not used.
DACK2
External transfer request accept output pin for DMAC (ch. 2)
This function is available when transfer request output for
DMAC is enabled.
36
DW1
EWE output for DRAM bank 1 (“L” active)
PB7
Can be configured as general purpose I/O port when DW1 is
not used.
16 to 18
19 to 21
MD0 to MD2
F
Mode pins 0 to 2
MCU basic operation mode is set by these pins.
Directly connect these pins with VCC or VSS for use.
92
95
X0
A
Clock (oscillator) input
91
94
X1
A
Clock (oscillator) output
14
17
RST
B
External reset input
12
15
NMI
G
NMI (non-maskable interrupt pin) input (“L” active)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com