Electronic Components Datasheet Search
  English  ▼

X  

MB91F155 Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB91F155
Description  32-bit Proprietary Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F155 Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB91F155 Datasheet HTML 9Page - fujitsu semiconductor MB91F155 Datasheet HTML 10Page - fujitsu semiconductor MB91F155 Datasheet HTML 11Page - fujitsu semiconductor MB91F155 Datasheet HTML 12Page - fujitsu semiconductor MB91F155 Datasheet HTML 13Page - fujitsu semiconductor MB91F155 Datasheet HTML 14Page - fujitsu semiconductor MB91F155 Datasheet HTML 15Page - fujitsu semiconductor MB91F155 Datasheet HTML 16Page - fujitsu semiconductor MB91F155 Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 104 page
background image
MB91F155/MB91154
13
(Continued)
Type
Circuit
Remarks
G
• CMOS level input pin
CMOS level input
(standby control not attached)
H
• CMOS hysteresis I/O pin with pul-
lup control
CMOS level output
CMOS level input
(standby control not attached)
Pullup resistance
= approx. 50 kΩ (Typ.)
IOL
= 4 mA
K
• Clock oscillation circuit (32 kHz)
N
• Analog/CMOS level I/O pin.
CMOS level output
CMOS level input
(attached with standby control)
Analog input (Analog input is en-
abled when AIC’s corresponding
bit is set to “1.”)
IOL
= 4 mA
R
Digital input
R
R
Pout
Pullup control
Hysteresis input
Nout
X1A
X0A
Xout
Pout
Nout
CMOS input
Standby control
Analog input
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com