Electronic Components Datasheet Search
  English  ▼

X  

MB91F155 Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # MB91F155
Description  32-bit Proprietary Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F155 Datasheet(HTML) 3 Page - fujitsu semiconductor

  MB91F155 Datasheet HTML 1Page - fujitsu semiconductor MB91F155 Datasheet HTML 2Page - fujitsu semiconductor MB91F155 Datasheet HTML 3Page - fujitsu semiconductor MB91F155 Datasheet HTML 4Page - fujitsu semiconductor MB91F155 Datasheet HTML 5Page - fujitsu semiconductor MB91F155 Datasheet HTML 6Page - fujitsu semiconductor MB91F155 Datasheet HTML 7Page - fujitsu semiconductor MB91F155 Datasheet HTML 8Page - fujitsu semiconductor MB91F155 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 104 page
background image
MB91F155/MB91154
3
(Continued)
11. Serial I/O
•UART
× 4 channels. Any of them is capable of serial transfer in sync with clock attached with the LSB/MSB
switching function.
• Serial data output and serial clock output are selectable by push-pull/open drain software.
• A 16-bit timer (U-timer) is contained as a dedicated baud rate generator allowing any baud rate to be generated.
12. I2C Bus Interface
• One channel master/slave send and receive
• Arbitration and clock synchronization functions
(The product is licensed with the Philips I2C patent to support those customers who intend to use this product
in an I2C system in compliance with the standard I2C specification stipulated by Philips.)
13. Clock Switching Function
• Gear function : Operating clock ratios to the basic clock can be set independently for the CPU and peripherals
from four types, 1 : 1, 1 : 2, 1 : 4 or 1 : 8.
14. Clock Function (Calendar Macro)
• Internal 32 kHz clock function
• Capable of operating in clock mode to run only the clock function while the CPU and peripheral macros are
stopped.
15. Interrupt Controller
External interrupt input (16 channels in total) :
• Allows the rising edge/falling edge/H level/L level to be set.
Internal interrupt factors :
• Interrupt by resources and delay interrupt
16. Others
• Reset cause : Power on reset/watchdog timer/software reset/external reset
• Low power consumption mode : Sleep/stop/clock mode
• Package : LQFP 144-pin
• CMOS technology (0.35
µm)
• Power supply voltage : 3.15 V to 3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com