Electronic Components Datasheet Search
  English  ▼

X  

MB91F155 Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB91F155
Description  32-bit Proprietary Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F155 Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB91F155 Datasheet HTML 17Page - fujitsu semiconductor MB91F155 Datasheet HTML 18Page - fujitsu semiconductor MB91F155 Datasheet HTML 19Page - fujitsu semiconductor MB91F155 Datasheet HTML 20Page - fujitsu semiconductor MB91F155 Datasheet HTML 21Page - fujitsu semiconductor MB91F155 Datasheet HTML 22Page - fujitsu semiconductor MB91F155 Datasheet HTML 23Page - fujitsu semiconductor MB91F155 Datasheet HTML 24Page - fujitsu semiconductor MB91F155 Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 104 page
background image
MB91F155/MB91154
21
• MB91154 Memory Space
Note : External areas are not accessible in single-chip mode.
0000 0000H
0000 0400H
0000 0800H
0000 1000H
0000 6000H
0001 0000H
01FF FFFFH
FFFF FFFFH
0001 0000H
Direct
addressing
area
I/O map references
0008 0000H
0008 0800H
000A 0000H
0010 0000H
FFFF FFFFH
I/O
I/O
I/O
I/O
I/O
External ROM-
external bus mode
Internal ROM-
external bus mode
Single-chip mode
I/O
Not accessible
Not accessible
Not accessible
Not accessible
External area
Not accessible
Not accessible
Not accessible
Not accessible
External area
Not accessible
Not accessible
Not accessible
384 KB
internal ROM
384 KB
internal ROM
External area
Not accessible
2 KB internal RAM
2 KB internal RAM
20 KB
internal RAM
20 KB
internal RAM
20 KB
internal RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com