Electronic Components Datasheet Search
  English  ▼

X  

MB91F155 Datasheet(PDF) 39 Page - fujitsu semiconductor

Part # MB91F155
Description  32-bit Proprietary Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F155 Datasheet(HTML) 39 Page - fujitsu semiconductor

Back Button MB91F155 Datasheet HTML 35Page - fujitsu semiconductor MB91F155 Datasheet HTML 36Page - fujitsu semiconductor MB91F155 Datasheet HTML 37Page - fujitsu semiconductor MB91F155 Datasheet HTML 38Page - fujitsu semiconductor MB91F155 Datasheet HTML 39Page - fujitsu semiconductor MB91F155 Datasheet HTML 40Page - fujitsu semiconductor MB91F155 Datasheet HTML 41Page - fujitsu semiconductor MB91F155 Datasheet HTML 42Page - fujitsu semiconductor MB91F155 Datasheet HTML 43Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 104 page
background image
MB91F155/MB91154
39
• I/O Port (attached with the open drain output function and a pullup resistor)
Figure PORT-3 Port block attached with the open drain output function and a pullup resistor
Notes :
• Pullup resistor setup register (PCR) R/W
Controls turning the pullup resistor on/off.
0 : Pullup resistor disabled
1 : Pullup resistor enabled
• Open drain control register (ODCR) R/W
Controls open drain in output mode.
0 : Standard output port during output mode
1 : Open-drain output port during output mode
This register has no significance in input mode (output Hi-Z) . Input/output mode is determined by the direction
register (DDR) .
• Priority is also given to the setting of the pullup resistor control register in stop mode.
• When a relevant pin is used as an external bus pin, neither function is available. Do not write “1” to either register.
Data bus
PDR read
0
1
0
1
pin
Resource input
Resource output
Resource output
allowed
PDR
DDR
ODCR
PCR
PDR
DDR
ODCR
PCR
: Port Data Register
: Data Direction Register
: OpenDrain Control Register
: Pull-up Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com