Electronic Components Datasheet Search
  English  ▼

X  

MB91F155 Datasheet(PDF) 34 Page - fujitsu semiconductor

Part # MB91F155
Description  32-bit Proprietary Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F155 Datasheet(HTML) 34 Page - fujitsu semiconductor

Back Button MB91F155 Datasheet HTML 30Page - fujitsu semiconductor MB91F155 Datasheet HTML 31Page - fujitsu semiconductor MB91F155 Datasheet HTML 32Page - fujitsu semiconductor MB91F155 Datasheet HTML 33Page - fujitsu semiconductor MB91F155 Datasheet HTML 34Page - fujitsu semiconductor MB91F155 Datasheet HTML 35Page - fujitsu semiconductor MB91F155 Datasheet HTML 36Page - fujitsu semiconductor MB91F155 Datasheet HTML 37Page - fujitsu semiconductor MB91F155 Datasheet HTML 38Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 104 page
background image
MB91F155/MB91154
34
s INTERRUPT FACTORS AND ASSIGNMENT OF INTERRUPT VECTORS AND RESISTERS
(Continued)
Factor
Interrupt No.
Interrupt
level
Offset
Default TBR
address
Decimal
Hex.
Reset
0
00
3FCH
000FFFFCH
Reserved for the system
1
01
3F8H
000FFFF8H
Reserved for the system
2
02
3F4H
000FFFF4H
Reserved for the system
3
03
3F0H
000FFFF0H
Reserved for the system
4
04
3ECH
000FFFECH
Reserved for the system
5
05
3E8H
000FFFE8H
Reserved for the system
6
06
3E4H
000FFFE4H
Reserved for the system
7
07
3E0H
000FFFE0H
Reserved for the system
8
08
3DCH
000FFFDCH
Reserved for the system
9
09
3D8H
000FFFD8H
Reserved for the system
10
0A
3D4H
000FFFD4H
Reserved for the system
11
0B
3D0H
000FFFD0H
Reserved for the system
12
0C
3CCH
000FFFCCH
Reserved for the system
13
0D
3C8H
000FFFC8H
Undefined instruction exception
14
0E
3C4H
000FFFC4H
Reserved for the system
15
0F
3C0H
000FFFC0H
External interrupt 0
16
10
ICR00
3BCH
000FFFBCH
External interrupt 1
17
11
ICR01
3B8H
000FFFB8H
External interrupt 2
18
12
ICR02
3B4H
000FFFB4H
External interrupt 3
19
13
ICR03
3B0H
000FFFB0H
External interrupt 4
20
14
ICR04
3ACH
000FFFACH
External interrupt 5
21
15
ICR05
3A8H
000FFFA8H
External interrupt 6
22
16
ICR06
3A4H
000FFFA4H
External interrupt 7
23
17
ICR07
3A0H
000FFFA0H
External interrupts 8 - 15
24
18
ICR08
39CH
000FFF9CH
Reserved for the system
25
19
398H
000FFF98H
UART0 (receiving complete)
26
1A
ICR10
394H
000FFF94H
UART1 (receiving complete)
27
1B
ICR11
390H
000FFF90H
UART2 (receiving complete)
28
1C
ICR12
38CH
000FFF8CH
UART3 (receiving complete)
29
1D
ICR13
388H
000FFF88H
Reserved for the system
30
1E
384H
000FFF84H
UART0 (sending complete)
31
1F
ICR15
380H
000FFF80H
UART1 (sending complete)
32
20
ICR16
37CH
000FFF7CH
UART2 (sending complete)
33
21
ICR17
378H
000FFF78H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com