Electronic Components Datasheet Search
  English  ▼

X  

ADS8321 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8321
Description  16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8321 Datasheet(HTML) 2 Page - Texas Instruments

  ADS8321 Datasheet HTML 1Page - Texas Instruments ADS8321 Datasheet HTML 2Page - Texas Instruments ADS8321 Datasheet HTML 3Page - Texas Instruments ADS8321 Datasheet HTML 4Page - Texas Instruments ADS8321 Datasheet HTML 5Page - Texas Instruments ADS8321 Datasheet HTML 6Page - Texas Instruments ADS8321 Datasheet HTML 7Page - Texas Instruments ADS8321 Datasheet HTML 8Page - Texas Instruments ADS8321 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADS8321
2
SBAS123B
www.ti.com
ABSOLUTE MAXIMUM RATINGS(1)
VCC ....................................................................................................... +6V
Analog Input ............................................................. –0.3V to (VCC + 0.3V)
Logic Input ............................................................................... –0.3V to 6V
Case Temperature ......................................................................... +100
°C
Junction Temperature .................................................................... +150
°C
Storage Temperature ..................................................................... +125
°C
External Reference Voltage .............................................................. +5.5V
NOTE: (1) Stresses above these ratings may permanently damage the device.
PIN
NAME
DESCRIPTION
1VREF
Reference Input
2
+In
Non Inverting Input
3
–In
Inverting Input
4
GND
Ground
5
CS/SHDN
Chip Select when LOW, Shutdown Mode when
HIGH.
6DOUT
The serial output data word is comprised of 16
bits of data. In operation the data is valid on the
falling edge of DCLOCK. The second clock
pulse after the falling edge of CS enables the
serial output. After one null bit, data is valid for
the next 16 edges.
7
DCLOCK
Data Clock synchronizes the serial data transfer
and determines conversion speed.
8+VCC
Power Supply.
PIN ASSIGNMENTS
PIN CONFIGURATION
Top View
MSOP
1
2
3
4
8
7
6
5
+V
CC
DCLOCK
D
OUT
CS/SHDN
V
REF
+In
–In
GND
ADS8321
PACKAGE/ORDERING INFORMATION(1)
MAXIMUM
NO
INTEGRAL
MISSING
LINEARITY
CODE
SPECIFICATION
ERROR
ERROR
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
(%)
(LSB)
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
ADS8321E
0.018
14
MSOP-8
DGK
–40
°C to +85°C
A21
ADS8321E/250
Tape and Reel, 250
""
"
"
"
"
"
ADS8321E/2K5
Tape and Reel, 2500
ADS8321EB
0.012
15
MSOP-8
DGK
–40
°C to +85°C
A21
ADS8321EB/250
Tape and Reel, 250
""
"
"
"
"
"
ADS8321EB/2K5
Tape and Reel, 2500
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instruments
recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation proce-
dures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com