Electronic Components Datasheet Search
  English  ▼

X  

ADS8321 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8321
Description  16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8321 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS8321 Datasheet HTML 5Page - Texas Instruments ADS8321 Datasheet HTML 6Page - Texas Instruments ADS8321 Datasheet HTML 7Page - Texas Instruments ADS8321 Datasheet HTML 8Page - Texas Instruments ADS8321 Datasheet HTML 9Page - Texas Instruments ADS8321 Datasheet HTML 10Page - Texas Instruments ADS8321 Datasheet HTML 11Page - Texas Instruments ADS8321 Datasheet HTML 12Page - Texas Instruments ADS8321 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADS8321
9
SBAS123B
www.ti.com
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tSMPL
Analog Input Sample Time
4.5
5.0
Clk Cycles
tCONV
Conversion Time
16
Clk Cycles
tCYC
Throughput Rate
100
kHz
tCSD
CS Falling to
0
ns
DCLOCK LOW
tSUCS
CS Falling to
20
ns
DCLOCK Rising
thDO
DCLOCK Falling to
5
15
ns
Current DOUT Not Valid
tdDO
DCLOCK Falling to Next
30
50
ns
DOUT Valid
tdis
CS Rising to DOUT Tri-State
70
100
ns
ten
DCLOCK Falling to DOUT
20
50
ns
Enabled
tf
DOUT Fall Time
5
25
ns
tr
DOUT Rise Time
7
25
ns
FIGURE 6. ADS8321 Basic Timing Diagrams.
AVERAGING
The noise of the ADC can be compensated by averaging the
digital codes. By averaging conversion results, transition
noise will be reduced by a factor of 1/
√n, where n is the
number of averages. For example, averaging 4 conversion
results will reduce the transition noise by 1/2 to
±0.25 LSBs.
Averaging should only be used for input signals with fre-
quencies near DC.
For AC signals, a digital filter can be used to low pass filter
and decimate the output codes. This works in a similar
manner to averaging; for every decimation by 2, the signal-
to-noise ratio will improve 3dB.
DIGITAL INTERFACE
SIGNAL LEVELS
The digital inputs of the ADS8321 can accommodate logic
levels up to 5.5V regardless of the value of VCC.
The CMOS digital output (DOUT) will swing 0V to VCC. If
VCC is 3V and this output is connected to a 5V CMOS logic
input, then that IC may require more supply current than
normal and may have a slightly longer propagation delay.
SERIAL INTERFACE
The ADS8321 communicates with microprocessors and
other digital systems via a synchronous 3-wire serial inter-
face as shown in Figure 6 and Table I. The DCLOCK signal
synchronizes the data transfer with each bit being transmit-
ted on the falling edge of DCLOCK. Most receiving systems
will capture the bitstream on the rising edge of DCLOCK.
However, if the minimum hold time for DOUT is acceptable,
the system can use the falling edge of DCLOCK to capture
each bit.
A falling CS signal initiates the conversion and data transfer.
The first 4.5 to 5.0 clock periods of the conversion cycle are
used to sample the input signal. After the fifth falling
DCLOCK edge, DOUT is enabled and will output a LOW
value for one clock period. For the next 16 DCLOCK
periods, DOUT will output the conversion result, most signifi-
cant bit first. After the least significant bit (B0) has been
output, subsequent clocks will repeat the output data but in
a least significant bit first format.
After the most significant bit (B15) has been repeated, DOUT
will tri-state. Subsequent clocks will have no effect on the
converter. A new conversion is initiated only when CS has
been taken HIGH and returned LOW.
TABLE I. Timing Specifications (VCC = 5V) –40°C to +85°C.
CS/SHDN
D
OUT
DCLOCK
Complete Cycle
Power Down
Conversion
Sample
Use positive clock edge for data transfer
t
SUCS
t
CONV
t
SMPL
NOTE: Minimum 22 clock cycles required for 16-bit conversion. Shown are 24 clock cycles.
If CS remains LOW at the end of conversion, a new datastream with LSB-first is shifted out again.
B15
(MSB)
B14 B13 B12 B11 B10 B9
B8
B0
(LSB)
B7
B1
B6
B2
B5
B3
B4
Hi-Z
0
Hi-Z
t
CSD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com