Electronic Components Datasheet Search
  English  ▼

X  

ADS8321 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8321
Description  16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8321 Datasheet(HTML) 3 Page - Texas Instruments

  ADS8321 Datasheet HTML 1Page - Texas Instruments ADS8321 Datasheet HTML 2Page - Texas Instruments ADS8321 Datasheet HTML 3Page - Texas Instruments ADS8321 Datasheet HTML 4Page - Texas Instruments ADS8321 Datasheet HTML 5Page - Texas Instruments ADS8321 Datasheet HTML 6Page - Texas Instruments ADS8321 Datasheet HTML 7Page - Texas Instruments ADS8321 Datasheet HTML 8Page - Texas Instruments ADS8321 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADS8321
3
SBAS123B
www.ti.com
SPECIFICATIONS: +VCC = +5V
At –40
°C to +85°C, V
REF = +2.5V, –In = 2.5V, fSAMPLE = 100kHz, and fCLK = 24 • fSAMPLE, unless otherwise specified.
ADS8321E
ADS8321EB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
RESOLUTION
16
✻
Bits
ANALOG INPUT
Full-Scale Input Span
+In – (–In)
–VREF
+VREF
✻✻
V
Absolute Input Range
+In
–0.1
VCC + 0.1
✻✻
V
–In
–0.1
+4.0
✻✻
V
Capacitance
25
✻
pF
Leakage Current
1
✻
nA
SYSTEM PERFORMANCE
No Missing Codes
14
15
Bits
Integral Linearity Error
±0.008
±0.018
±0.006
±0.012 % of FSR
Offset Error
±0.4
±2
±0.2
±1mV
Offset Temperature Drift
±1
✻
µV/°C
Gain Error, Positive
±0.05
±0.024
%
Negative
±0.05
±0.024
%
Gain Temperature Drift
±0.3
✻
ppm/
°C
Noise
60
✻
µVrms
Common-Mode Rejection Ratio
80
✻
dB
Power Supply Rejection Ratio
+4.7V < VCC < 5.25V
3
✻
LSB(1)
SAMPLING DYNAMICS
Conversion Time
16
✻
Clk Cycles
Acquisition Time
4.5
✻
Clk Cycles
Throughput Rate
100
✻
kHz
Clock Frequency Range
0.024
2.9
✻✻
MHz
DYNAMIC CHARACTERISTICS
Total Harmonic Distortion
VIN = 5Vp-p at 10kHz
–84
–86
dB
SINAD
VIN = 5Vp-p at 10kHz
82
84
dB
Spurious Free Dynamic Range
VIN = 5Vp-p at 10kHz
84
86
dB
SNR
85
87
dB
REFERENCE INPUT
Voltage Range
0.5
VCC/2
✻✻
V
Resistance
CS = GND, fSAMPLE = 0Hz
5
✻
G
Ω
CS = VCC
5
✻
G
Ω
Current Drain
40
80
✻✻
µA
fSAMPLE = 10kHz
0.8
✻
µA
CS = VCC
0.1
3
✻
µA
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
✻
Logic Levels:
VIH
IIH = +5µA
3.0
VCC + 0.3
✻✻
V
VIL
IIL = +5µA
–0.3
0.8
✻✻
V
VOH
IOH = –250µA
4.0
✻
V
VOL
IOL = 250µA
0.4
✻
V
Data Format
✻
POWER SUPPLY REQUIREMENTS
VCC
Specified Performance
4.75
5.25
✻✻
V
VCC Range(2)
2.7
5.25
✻✻
V
Quiescent Current
1100
1700
✻✻
µA
fSAMPLE = 10kHz(3, 4)
250
✻
µA
Power Dissipation
5.5
8.5
✻✻
mW
Power Down
CS = VCC
0.3
3
✻✻
µA
TEMPERATURE RANGE
Specified Performance
–40
+85
✻✻
°C
✻ Specifications same as ADS8321E.
NOTES: (1) LSB means Least Significant Bit. (2) See Typical Performance Curves for more information. (3) fCLK = 2.4MHz, CS = VCC for 216 clock cycles out
of every 240. (4) See the Power Dissipation section for more information regarding lower sample rates.
Binary Two’s Complement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com