Electronic Components Datasheet Search
  English  ▼

X  

ADS8321 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8321
Description  16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8321 Datasheet(HTML) 5 Page - Texas Instruments

  ADS8321 Datasheet HTML 1Page - Texas Instruments ADS8321 Datasheet HTML 2Page - Texas Instruments ADS8321 Datasheet HTML 3Page - Texas Instruments ADS8321 Datasheet HTML 4Page - Texas Instruments ADS8321 Datasheet HTML 5Page - Texas Instruments ADS8321 Datasheet HTML 6Page - Texas Instruments ADS8321 Datasheet HTML 7Page - Texas Instruments ADS8321 Datasheet HTML 8Page - Texas Instruments ADS8321 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADS8321
5
SBAS123B
www.ti.com
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, VCC = +5V, VREF = +2.5V, fSAMPLE = 100kHz, fCLK = 24 • fSAMPLE, unless otherwise specified.
MAXIMUM SAMPLE RATE vs V
CC
1000
100
10
1
12345
V
CC (V)
SIGNAL-TO-NOISE AND SIGNAL-TO-(NOISE + DISTORTION)
vs INPUT FREQUENCY
90
85
80
75
70
65
0.1
1
100
10
Input Frequency (kHz)
SNR
SINAD
SPURIOUS FREE DYNAMIC RANGE AND
TOTAL HARMONIC DISTORTION vs INPUT FREQUENCY
90
85
80
75
70
65
0.1
1
100
10
Input Frequency (kHz)
SFDR
THD
NOISE vs REFERENCE VOLTAGE
18
16
14
12
10
8
6
4
2
0
0.1
1
10
Reference Voltage (V)
REFERENCE CURRENT vs SAMPLE RATE
35
30
25
20
15
10
5
0
0
20
40
60
80
100
120
140
Sample Rate (kHz)
2.5V
1.25V
CHANGE IN GAIN vs REFERENCE VOLTAGE
15
10
5
0
–5
–10
–15
0
0.5
1.0
1.5
2.0
2.5
3.0
Reference Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com