Electronic Components Datasheet Search
  English  ▼

X  

ADS8321 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8321
Description  16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8321 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS8321 Datasheet HTML 8Page - Texas Instruments ADS8321 Datasheet HTML 9Page - Texas Instruments ADS8321 Datasheet HTML 10Page - Texas Instruments ADS8321 Datasheet HTML 11Page - Texas Instruments ADS8321 Datasheet HTML 12Page - Texas Instruments ADS8321 Datasheet HTML 13Page - Texas Instruments ADS8321 Datasheet HTML 14Page - Texas Instruments ADS8321 Datasheet HTML 15Page - Texas Instruments ADS8321 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADS8321
12
SBAS123B
www.ti.com
power devices, to name a few. This particular source of error
can be very difficult to track down if the glitch is almost
synchronous to the converter’s DCLOCK signal—as the
phase difference between the two changes with time and
temperature, causing sporadic misoperation.
With this in mind, power to the ADS8321 should be clean
and well bypassed. A 0.1
µF ceramic bypass capacitor should
be placed as close to the ADS8321 package as possible. In
addition, a 1
µF to 10µF capacitor and a 5Ω or 10Ω series
resistor may be used to lowpass filter a noisy supply.
The reference should be similarly bypassed with a 0.1
µF
capacitor. Again, a series resistor and large capacitor can be
used to lowpass filter the reference voltage. If the reference
voltage originates from an op amp, be careful that the op
amp can drive the bypass capacitor without oscillation (the
series resistor can help in this case). Keep in mind that while
the ADS8321 draws very little current from the reference on
average, there are still instantaneous current demands placed
on the external input and reference circuitry.
Texas Instruments OPA627 op amp provides optimum per-
formance for buffering both the signal and reference inputs.
For low cost, low voltage, single-supply applications, the
OPA2350 or OPA2340 dual op amps are recommended.
Also, keep in mind that the ADS8321 offers no inherent
rejection of noise or voltage variation in regards to the
FIGURE 11. Basic Data Acquisition System.
reference input. This is of particular concern when the
reference input is tied to the power supply. Any noise and
ripple from the supply will appear directly in the digital
results. While high frequency noise can be filtered out as
described in the previous paragraph, voltage variation due to
the line frequency (50Hz or 60Hz), can be difficult to
remove.
The GND pin on the ADS8321 should be placed on a clean
ground point. In many cases, this will be the “analog”
ground. Avoid connecting the GND pin too close to the
grounding point for a microprocessor, microcontroller, or
digital signal processor. If needed, run a ground trace di-
rectly from the converter to the power supply connection
point. The ideal layout will include an analog ground plane
for the converter and associated analog circuitry.
APPLICATION CIRCUITS
Figure 11 shows a basic data acquisition system. The
ADS8321 input range is 0V to VCC, as the reference input is
connected directly to the power supply. The 5
Ω resistor and
1
µF to 10µF capacitor filter the microcontroller “noise” on
the supply, as well as any high-frequency noise from the
supply itself. The exact values should be picked such that the
filter provides adequate rejection of the noise.
ADS8321
V
CC
CS
D
OUT
DCLOCK
V
REF
+In
–In
GND
+
+
5
Ω
1
µF to
10
µF
1
µF to 10µF
0.1
µF
0V to 5V
+2.5V
Reference
Microcontroller
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com