Electronic Components Datasheet Search
  English  ▼

X  

LM7171 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM7171
Description  Very High Speed, High Output Current, Voltage Feedback Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7171 Datasheet(HTML) 5 Page - Texas Instruments

  LM7171 Datasheet HTML 1Page - Texas Instruments LM7171 Datasheet HTML 2Page - Texas Instruments LM7171 Datasheet HTML 3Page - Texas Instruments LM7171 Datasheet HTML 4Page - Texas Instruments LM7171 Datasheet HTML 5Page - Texas Instruments LM7171 Datasheet HTML 6Page - Texas Instruments LM7171 Datasheet HTML 7Page - Texas Instruments LM7171 Datasheet HTML 8Page - Texas Instruments LM7171 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
LM7171
www.ti.com
SNOS760C – MAY 1999 – REVISED SEPTEMBER 2014
6.5 ±15V DC Electrical Characteristics
Unless otherwise noted, all limits are specified for V
+ = +15 V, V− = –15 V, V
CM = 0V, and RL = 1 kΩ. Boldface limits apply at
the temperature extremes
PARAMETER
TEST CONDITIONS
TYP
LM7171AI
LM7171BI
UNIT
(1)
LIMIT(2)
LIMIT(2)
VOS
Input Offset Voltage
0.2
1
3
mV
4
7
max
TC VOS
Input Offset Voltage Average
35
μV/°C
Drift
IB
Input Bias Current
2.7
10
10
μA
12
12
max
IOS
Input Offset Current
0.1
4
4
μA
6
6
max
RIN
Input Resistance
Common Mode
40
M
Ω
Differential Mode
3.3
RO
Open Loop Output
15
Ω
Resistance
CMRR
Common Mode Rejection
VCM = ±10V
105
85
75
dB
Ratio
80
70
min
PSRR
Power Supply Rejection Ratio VS = ±15V to ±5V
90
85
75
dB
80
70
min
VCM
Input Common-Mode Voltage
CMRR > 60 dB
±13.35
V
Range
AV
Large Signal Voltage Gain (3)
RL = 1 kΩ
85
80
75
dB
75
70
min
RL = 100Ω
81
75
70
dB
70
66
min
VO
Output Swing
RL = 1 kΩ
13.3
13
13
V
12.7
12.7
min
−13.2
−13
−13
V
−12.7
−12.7
max
RL = 100Ω
11.8
10.5
10.5
V
9.5
9.5
min
−10.5
−9.5
−9.5
V
−9
−9
max
Output Current (Open Loop)
Sourcing, RL = 100Ω
118
105
105
mA
(4)
95
95
min
Sinking, RL = 100Ω
105
95
95
mA
90
90
max
Output Current (in Linear
Sourcing, RL = 100Ω
100
mA
Region)
Sinking, RL = 100Ω
100
ISC
Output Short Circuit Current
Sourcing
140
mA
Sinking
135
IS
Supply Current
6.5
8.5
8.5
mA
9.5
9.5
max
(1)
Typical values represent the most likely parametric norm.
(2)
All limits are specified by testing or statistical analysis.
(3)
Large signal voltage gain is the total output swing divided by the input signal required to produce that swing. For VS = ±15V, VOUT =
±5V. For VS = ±5V, VOUT = ±1V.
(4)
The open loop output current is specified, by the measurement of the open loop output voltage swing, using 100
Ω output load.
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM7171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com