Electronic Components Datasheet Search
  English  ▼

X  

LM7171 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM7171
Description  Very High Speed, High Output Current, Voltage Feedback Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7171 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM7171 Datasheet HTML 2Page - Texas Instruments LM7171 Datasheet HTML 3Page - Texas Instruments LM7171 Datasheet HTML 4Page - Texas Instruments LM7171 Datasheet HTML 5Page - Texas Instruments LM7171 Datasheet HTML 6Page - Texas Instruments LM7171 Datasheet HTML 7Page - Texas Instruments LM7171 Datasheet HTML 8Page - Texas Instruments LM7171 Datasheet HTML 9Page - Texas Instruments LM7171 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
LM7171
SNOS760C – MAY 1999 – REVISED SEPTEMBER 2014
www.ti.com
6.6 ±15V AC Electrical Characteristics
Unless otherwise noted, all limits are specified for V
+ = +15V, V− = −15V, V
CM = 0V, and RL = 1 kΩ.
PARAMETER
CONDITIONS
LM7171AI
LM7171BI
UNIT
TYP(1)
LIMIT(2)
LIMIT(2)
SR
Slew Rate (3)
AV = +2, VIN = 13 VPP
4100
V/
μs
AV = +2, VIN = 10 VPP
3100
Unity-Gain Bandwidth
200
MHz
−3 dB Frequency
AV = +2
220
MHz
φm
Phase Margin
50
Deg
ts
Settling Time (0.1%)
AV = −1, VO = ±5V
42
ns
RL = 500Ω
tp
Propagation Delay
AV = −2, VIN = ±5V,
5
ns
RL = 500Ω
AD
Differential Gain (4)
0.01%
φD
Differential Phase (4)
0.02
Deg
Second Harmonic Distortion(5)
fIN = 10 kHz
−110
dBc
fIN = 5 MHz
−75
dBc
Third Harmonic Distortion(5)
fIN = 10 kHz
−115
dBc
fIN = 5 MHz
−55
dBc
en
Input-Referred Voltage Noise
f = 10 kHz
14
nV/
√Hz
in
Input-Referred Current Noise
f = 10 kHz
1.5
pA/
√Hz
(1)
Typical values represent the most likely parametric norm.
(2)
All limits are specified by testing or statistical analysis.
(3)
Slew Rate is the average of the raising and falling slew rates.
(4)
Differential gain and phase are measured with AV = +2, VIN = 1 VPP at 3.58 MHz and both input and output 75Ω terminated.
(5)
Harmonics are measured with VIN = 1 VPP, AV = +2 and RL = 100Ω.
6
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LM7171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com