Electronic Components Datasheet Search
  English  ▼

X  

LM7171 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM7171
Description  Very High Speed, High Output Current, Voltage Feedback Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7171 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM7171 Datasheet HTML 3Page - Texas Instruments LM7171 Datasheet HTML 4Page - Texas Instruments LM7171 Datasheet HTML 5Page - Texas Instruments LM7171 Datasheet HTML 6Page - Texas Instruments LM7171 Datasheet HTML 7Page - Texas Instruments LM7171 Datasheet HTML 8Page - Texas Instruments LM7171 Datasheet HTML 9Page - Texas Instruments LM7171 Datasheet HTML 10Page - Texas Instruments LM7171 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
LM7171
www.ti.com
SNOS760C – MAY 1999 – REVISED SEPTEMBER 2014
6.7 ±5V DC Electrical Characteristics
Unless otherwise noted, all limits are specified for V
+ = +5V, V− = −5V, V
CM = 0V, and RL = 1 kΩ. Boldface limits apply at the
temperature extremes
PARAMETER
TEST CONDITIONS
LM7171AI
LM7171BI
UNIT
TYP(1)
LIMIT(2)
LIMIT(2)
VOS
Input Offset Voltage
0.3
1.5
3.5
mV
4
7
max
TC VOS
Input Offset Voltage Average
35
μV/°C
Drift
IB
Input Bias Current
3.3
10
10
μA
12
12
max
IOS
Input Offset Current
0.1
4
4
μA
6
6
max
RIN
Input Resistance
Common Mode
40
M
Ω
Differential Mode
3.3
RO
Output Resistance
15
Ω
CMRR
Common Mode Rejection
VCM = ±2.5V
104
80
70
dB
Ratio
75
65
min
PSRR
Power Supply Rejection Ratio
VS = ±15V to ±5V
90
85
75
dB
80
70
min
VCM
Input Common-Mode Voltage
CMRR > 60 dB
±3.2
V
Range
AV
Large Signal Voltage Gain (3)
RL = 1 kΩ
78
75
70
dB
70
65
min
RL = 100Ω
76
72
68
dB
67
63
min
VO
Output Swing
RL = 1 kΩ
3.4
3.2
3.2
V
3
3
min
−3.4
−3.2
−3.2
V
−3
−3
max
RL = 100Ω
3.1
2.9
2.9
V
2.8
2.8
min
−3.0
−2.9
−2.9
V
−2.8
−2.8
max
Output Current (Open Loop)
Sourcing, RL = 100Ω
31
29
29
mA
(4)
28
28
min
Sinking, RL = 100Ω
30
29
29
mA
28
28
max
ISC
Output Short Circuit Current
Sourcing
135
mA
Sinking
100
IS
Supply Current
6.2
8
8
mA
9
9
max
(1)
Typical values represent the most likely parametric norm.
(2)
All limits are specified by testing or statistical analysis.
(3)
Large signal voltage gain is the total output swing divided by the input signal required to produce that swing. For VS = ±15V, VOUT =
±5V. For VS = ±5V, VOUT = ±1V.
(4)
The open loop output current is specified, by the measurement of the open loop output voltage swing, using 100
Ω output load.
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM7171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com