Electronic Components Datasheet Search
  English  ▼

X  

LM7171 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM7171
Description  Very High Speed, High Output Current, Voltage Feedback Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7171 Datasheet(HTML) 1 Page - Texas Instruments

  LM7171 Datasheet HTML 1Page - Texas Instruments LM7171 Datasheet HTML 2Page - Texas Instruments LM7171 Datasheet HTML 3Page - Texas Instruments LM7171 Datasheet HTML 4Page - Texas Instruments LM7171 Datasheet HTML 5Page - Texas Instruments LM7171 Datasheet HTML 6Page - Texas Instruments LM7171 Datasheet HTML 7Page - Texas Instruments LM7171 Datasheet HTML 8Page - Texas Instruments LM7171 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM7171
SNOS760C – MAY 1999 – REVISED SEPTEMBER 2014
LM7171 Very High Speed, High Output Current, Voltage Feedback Amplifier
1 Features
3 Description
The LM7171 is a high speed voltage feedback
1
•
(Typical Unless Otherwise Noted)
amplifier that has the slewing characteristic of a
•
Easy-to-Use Voltage Feedback Topology
current feedback amplifier, yet it can be used in all
•
Very High Slew Rate: 4100 V/
μs
traditional voltage feedback amplifier configurations.
The LM7171 is stable for gains as low as +2 or
−1. It
•
Wide Unity-Gain Bandwidth:
200 MHz
provides a very high slew rate at 4100V/
μs and a
•
−3 dB Frequency @ AV = +2: 220 MHz
wide
unity-gain
bandwidth
of
200
MHz
while
•
Low Supply Current:
6.5 mA
consuming only 6.5 mA of supply current. It is ideal
for
video
and
high
speed
signal
processing
•
High Open Loop Gain:
85 dB
applications such as HDSL and pulse amplifiers. With
•
High Output Current:
100 mA
100 mA output current, the LM7171 can be used for
•
Differential Gain and Phase:
0.01%, 0.02°
video distribution, as a transformer driver or as a
•
Specified for ±15V and ±5V Operation
laser diode driver.
Operation on ±15 V power supplies allows for large
2 Applications
signal swings and provides greater dynamic range
•
HDSL and ADSL Drivers
and signal-to-noise ratio. The LM7171 offers low
SFDR and THD, ideal for ADC/DAC systems. In
•
Multimedia Broadcast Systems
addition, the LM7171 is specified for ±5 V operation
•
Professional Video Cameras
for portable applications.
•
Video Amplifiers
The LM7171 is built on TI's advanced VIP™ III
•
Copiers/Scanners/Fax
(Vertically integrated PNP) complementary bipolar
•
HDTV Amplifiers
process.
•
Pulse Amplifiers and Peak Detectors
Device Information(1)
•
CATV/Fiber Optics Signal Processing
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM7171
SOIC (8)
4.90 mm × 3.91 mm
LM7171
PDIP (8)
9.81 mm × 6.35 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Large Signal Pulse Response
Simplified Schematic Diagram
AV = +2, VS = ±15V
Note: M1 and M2 are current mirrors.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM7171

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7171 NSC-LM7171 Datasheet
615Kb / 20P
Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171AIM NSC-LM7171AIM Datasheet
615Kb / 20P
Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
Texas Instruments
LM7171AIM TI1-LM7171AIM Datasheet
1Mb / 30P
LM7171 Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
National Semiconductor ...
LM7171AIM NSC-LM7171AIM Datasheet
1Mb / 30P
LM7171 Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
Texas Instruments
LM7171AIM/NOPB TI1-LM7171AIM/NOPB Datasheet
1Mb / 30P
LM7171 Very High Speed, High Output Current, Voltage Feedback Amplifier
More results

Similar Description - LM7171

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7171 NSC-LM7171 Datasheet
615Kb / 20P
Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
Burr-Brown (TI)
OPA603 BURR-BROWN-OPA603 Datasheet
262Kb / 12P
High Speed, Current-Feedback, High Voltage OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LM7171QML NSC-LM7171QML Datasheet
812Kb / 24P
Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
Texas Instruments
LM7171AIM TI1-LM7171AIM Datasheet
1Mb / 30P
LM7171 Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
National Semiconductor ...
LM7171 NSC-LM7171_14 Datasheet
1Mb / 30P
LM7171 Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171QML-SP NSC-LM7171QML-SP_14 Datasheet
1Mb / 31P
LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
Texas Instruments
LM7171QML-SP TI1-LM7171QML-SP Datasheet
1Mb / 31P
Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171QML TI1-LM7171QML_17 Datasheet
1Mb / 31P
Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171QML TI-LM7171QML_V01 Datasheet
1Mb / 31P
LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
REVISED APRIL 2013
LM7171QML TI-LM7171QML_V02 Datasheet
1Mb / 34P
LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
APRIL 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com