Electronic Components Datasheet Search
  English  ▼

X  

THS4541 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS4541
Description  Fully Differential Amplifier
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4541 Datasheet(HTML) 2 Page - Texas Instruments

  THS4541 Datasheet HTML 1Page - Texas Instruments THS4541 Datasheet HTML 2Page - Texas Instruments THS4541 Datasheet HTML 3Page - Texas Instruments THS4541 Datasheet HTML 4Page - Texas Instruments THS4541 Datasheet HTML 5Page - Texas Instruments THS4541 Datasheet HTML 6Page - Texas Instruments THS4541 Datasheet HTML 7Page - Texas Instruments THS4541 Datasheet HTML 8Page - Texas Instruments THS4541 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
THS4541
SLOS375 – AUGUST 2014
www.ti.com
Table of Contents
8.6
Factors Influencing Harmonic Distortion ................. 31
1
Features .................................................................. 1
8.7
Driving Capacitive Loads ........................................ 32
2
Applications ........................................................... 1
8.8
Thermal Analysis..................................................... 32
3
Description ............................................................. 1
9
Detailed Description ............................................ 33
4
Revision History..................................................... 2
9.1
Overview ................................................................. 33
5
Device Family Comparison................................... 3
9.2
Functional Block Diagram ....................................... 34
6
Pin Configuration and Functions ......................... 3
9.3
Feature Description................................................. 35
7
Specifications......................................................... 4
9.4
Device Functional Modes........................................ 36
7.1
Absolute Maximum Ratings ...................................... 4
10
Application And Implementation ....................... 44
7.2
Handling Ratings....................................................... 4
10.1
Application Information.......................................... 44
7.3
Recommended Operating Conditions ....................... 4
10.2
Typical Applications .............................................. 44
7.4
Thermal Information .................................................. 4
11
Power-Supply Recommendations ..................... 49
7.5
Electrical Characteristics: Vs+ – Vs– = 5 V ............. 5
12
Layout................................................................... 50
7.6
Electrical Characteristics: Vs+ – Vs– = 3 V ............. 8
12.1
Layout Guidelines ................................................. 50
7.7
Typical Characteristics: 5-V Single Supply ............. 11
12.2
Layout Example .................................................... 51
7.8
Typical Characteristics: 3-V Single Supply ............. 14
13
Device and Documentation Support ................. 52
7.9
Typical Characteristics: 3-V to 5-V Supply Range.. 17
13.1
Device Support...................................................... 52
8
Parameter Measurement Information ................ 21
13.2
Trademarks ........................................................... 52
8.1
Example Characterization Circuits .......................... 21
13.3
Electrostatic Discharge Caution ............................ 52
8.2
Frequency-Response Shape Factors ..................... 23
13.4
Glossary ................................................................ 52
8.3
I/O Headroom Considerations ................................ 26
14
Mechanical, Packaging, and Orderable
8.4
Output DC Error and Drift Calculations and the Effect
Information ........................................................... 52
of Resistor Imbalances ............................................ 28
8.5
Noise Analysis......................................................... 30
4 Revision History
DATE
REVISION
NOTES
August 2014
*
Initial release.
2
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com