Electronic Components Datasheet Search
  English  ▼

X  

THS4541 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS4541
Description  Fully Differential Amplifier
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4541 Datasheet(HTML) 3 Page - Texas Instruments

  THS4541 Datasheet HTML 1Page - Texas Instruments THS4541 Datasheet HTML 2Page - Texas Instruments THS4541 Datasheet HTML 3Page - Texas Instruments THS4541 Datasheet HTML 4Page - Texas Instruments THS4541 Datasheet HTML 5Page - Texas Instruments THS4541 Datasheet HTML 6Page - Texas Instruments THS4541 Datasheet HTML 7Page - Texas Instruments THS4541 Datasheet HTML 8Page - Texas Instruments THS4541 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
13
15
14
16
8
6
7
5
FB–
FB+
IN+
IN–
PD
OUT–
OUT+
Vocm
1
3
2
4
9
10
11
12
10
1
3
2
4
6
7
8
9
IN–
PD
OUT–
OUT+
Vocm
Vs–
Vs+
IN+
NC
NC
5
THS4541
www.ti.com
SLOS375 – AUGUST 2014
5 Device Family Comparison
INPUT NOISE
DEVICE
BW (MHz)
IQ (mA)
THD (dBc) 2 VPP AT 100 kHz
(nV/
√Hz)
RAIL-TO-RAIL
THS4531A
36
0.25
–104
10
Out
THS4521
145
0.95
–102
4.6
Out
THS4520
620
14.2
–107
2.0
Out
6 Pin Configuration and Functions
RGT Package
RUN Package
VQFN-16
WQFN-10
(Top View)
(Top View)
Pin Functions
PIN
NO.
NAME
RGT(1)
RUN
I/O
DESCRIPTION
FB+
4
—
O
Noninverted (positive) output feedback
FB–
1
—
O
Inverted (negative) output feedback
IN+
2
4
I
Noninverting (positive) amplifier input
IN–
3
6
I
Inverting (negative) amplifier input
NC
—
2, 8
—
No internal connection
OUT+
10
9
O
Noninverted (positive) amplifier output
OUT–
11
1
O
Inverted (negative) amplifier output
PD
12
3
I
Power down. PD = logic low = power off mode; PD = logic high = normal operation.
Vocm
9
7
I
Common-mode voltage input
Vs+
5, 6, 7, 8
10
I
Positive power-supply input
13, 14, 15,
Vs–
5
I
Negative power-supply input
16
(1)
Solder the exposed thermal pad (RGT package) to a heat-spreading power or ground plane. This pad is electrically isolated from the
die.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com