Electronic Components Datasheet Search
  English  ▼

X  

THS4541 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # THS4541
Description  Fully Differential Amplifier
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4541 Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS4541 Datasheet HTML 8Page - Texas Instruments THS4541 Datasheet HTML 9Page - Texas Instruments THS4541 Datasheet HTML 10Page - Texas Instruments THS4541 Datasheet HTML 11Page - Texas Instruments THS4541 Datasheet HTML 12Page - Texas Instruments THS4541 Datasheet HTML 13Page - Texas Instruments THS4541 Datasheet HTML 14Page - Texas Instruments THS4541 Datasheet HTML 15Page - Texas Instruments THS4541 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 62 page
background image
Time  from 50% of Input Edge (ns)
0
5
10
15
20
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
D011
0.5 V step
2 V step
Time (ns)
0
20
40
60
80
100
-15
-10
-5
0
5
10
15
D012
Output
Input
Time (ns)
6
8
10
12
14
16
18
20
22
24
26
28
30
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
D009
4 Vpp
2 Vpp
0.5 Vpp
Time (ns)
8
10
12
14
16
18
20
22
24
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
D010
Ro=0 :
Ro=7.5 :
Time (ns)
6
8
10
12
14
16
18
20
22
24
26
28
30
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
D007
4 Vpp
2 Vpp
0.5 Vpp
Time (ns)
8
10
12
14
16
18
20
22
24
0
0.1
0.2
0.3
0.4
0.5
D008
Ro=17 :
Ro=0 :
THS4541
SLOS375 – AUGUST 2014
www.ti.com
Typical Characteristics: 5-V Single Supply (continued)
At Vs+ = 5 V, Vs– = GND, Vocm is open, 50-
Ω single-ended input to differential output, gain = 2 V/V, Rload = 500 Ω, and TA
≈ 25°C (unless otherwise noted).
50-MHz input, 0.3-ns input edge rate, single-ended to differential
Av = 2 , 500-mVPP output into 22-pF Cload, see Figure 71
output, dc coupled, see Figure 63
Figure 7. Small and Large Signal Step Response
Figure 8. Step Response into Capacitive Load
G = 5 V/V, 50-MHz input, 0.3-ns input edge rate, single-ended
G = 5 V/V, 500-mVPP output into 22-pF Cload, see Figure 71 and
input to differential output, see Figure 63
Table 6
Figure 9. Small- and Large-Signal Step Response
Figure 10. Step Response into Capacitive Load
Simulated with 2-ns input transition time, see Figure 63
Single-ended to differential gain of 2 (see Figure 63), 2X input
overdrive
Figure 12. Overdrive Recovery Performance
Figure 11. Small- and Large-Signal Step Settling Time
12
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com