Electronic Components Datasheet Search
  English  ▼

X  

THS4541 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS4541
Description  Fully Differential Amplifier
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4541 Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS4541 Datasheet HTML 9Page - Texas Instruments THS4541 Datasheet HTML 10Page - Texas Instruments THS4541 Datasheet HTML 11Page - Texas Instruments THS4541 Datasheet HTML 12Page - Texas Instruments THS4541 Datasheet HTML 13Page - Texas Instruments THS4541 Datasheet HTML 14Page - Texas Instruments THS4541 Datasheet HTML 15Page - Texas Instruments THS4541 Datasheet HTML 16Page - Texas Instruments THS4541 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
Vocm Control Voltage (V)
0.5
1
1.5
2
2.5
3
3.5
4
-100
-95
-90
-85
-80
D017
HD2
HD3
Gain (V/V)
1
10
-100
-95
-90
-85
-80
-75
-70
D018
HD2
HD3
Center of Two Input Test Frequencies (MHz)
0.1
1
10
50
-140
-130
-120
-110
-100
-90
-80
-70
-60
D015
Avg IMD3
Avg IMD2
Differential Load Resistance (:)
10
100
1000
-100
-95
-90
-85
-80
-75
-70
D016
HD2
HD3
Frequency (MHz)
0.1
1
10
50
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
D013
HD2
HD3
Differential Output Voltage (Vpp)
0.1
1
10
-120
-115
-110
-105
-100
-95
-90
-85
-80
-75
-70
D014
HD2
HD3
THS4541
www.ti.com
SLOS375 – AUGUST 2014
Typical Characteristics: 5-V Single Supply (continued)
At Vs+ = 5 V, Vs– = GND, Vocm is open, 50-
Ω single-ended input to differential output, gain = 2 V/V, Rload = 500 Ω, and TA
≈ 25°C (unless otherwise noted).
2-VPP output, see Figure 61
10 MHz, see Figure 61
Figure 13. Harmonic Distortion Over Frequency
Figure 14. Harmonic Distortion vs Output Swing
1 VPP each tone, see Figure 61
f = 10 MHz, see Figure 61 with Rload adjusted
Figure 15. IMD2 and IM3 Over Frequency
Figure 16. Harmonic Distortion vs Rload
f = 10 MHz, 2-VPP output, see Figure 63 with Vocm adjusted
10 MHz, 2-VPP output, see Figure 61 and Table 6 for gain setting
Figure 17. Harmonic Distortion vs Vocm
Figure 18. Harmonic Distortion vs Gain
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com