Electronic Components Datasheet Search
  English  ▼

X  

THS4541 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # THS4541
Description  Fully Differential Amplifier
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4541 Datasheet(HTML) 36 Page - Texas Instruments

Back Button THS4541 Datasheet HTML 32Page - Texas Instruments THS4541 Datasheet HTML 33Page - Texas Instruments THS4541 Datasheet HTML 34Page - Texas Instruments THS4541 Datasheet HTML 35Page - Texas Instruments THS4541 Datasheet HTML 36Page - Texas Instruments THS4541 Datasheet HTML 37Page - Texas Instruments THS4541 Datasheet HTML 38Page - Texas Instruments THS4541 Datasheet HTML 39Page - Texas Instruments THS4541 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 62 page
background image
THS4541
SLOS375 – AUGUST 2014
www.ti.com
9.4 Device Functional Modes
This wideband FDA requires external resistors for correct signal-path operation. When configured for the input
impedance and gain setting with these external resistors, the amplifier can be either on with the PD pin asserted
to a voltage greater than Vs– + 1.7 V, or turned off by asserting PD low. Disabling the amplifier shuts off the
quiescent current and stops correct amplifier operation. The signal path is still present for the source signal
through the external resistors.
The Vocm control pin sets the output average voltage. Left open, Vocm defaults to an internal midsupply value.
Driving this high-impedance input with a voltage reference within its valid range sets a target for the internal Vcm
error amplifier.
9.4.1 Operation from Single-Ended Sources to Differential Outputs
One of the most useful features supported by the FDA device is an easy conversion from a single-ended input to
a differential output centered on a user-controlled, common-mode level. While the output side is relatively
straightforward, the device input pins move in a common-mode sense with the input signal. This feature acts to
increase the apparent input impedance to be greater than the Rg value. However, this feature can cause input
clipping if this common-mode signal moves beyond the input range. This input active impedance issue applies to
both ac- and dc-coupled designs, and requires somewhat more complex solutions for the resistors to account for
this active impedance, as shown in the following subsections.
9.4.1.1 AC-Coupled Signal Path Considerations for Single-Ended Input to Differential Output Conversion
When the signal path can be ac coupled, the dc biasing for the THS4541 becomes a relatively simple task. In all
designs, start by defining the output common-mode voltage. The ac-coupling issue can be separated for the
input and output sides of an FDA design. The input can be ac coupled and the output dc coupled, or the output
can be ac coupled and the input dc coupled, or they can both be ac coupled. One situation where the output
might be dc coupled (for an ac-coupled input), is when driving directly into an ADC where the Vocm control
voltage uses the ADC common-mode reference to directly bias the FDA output common-mode to the required
ADC input common-mode. In any case, the design starts by setting the desired Vocm. When an ac-coupled path
follows the output pins, the best linearity is achieved by operating Vocm at midsupply. The Vocm voltage must be
within the linear range for the common-mode loop, as specified in the headroom specifications (approximately
0.9 V greater than the negative supply and 1.1 V less than the positive supply). If the output path is also ac
coupled, simply letting the Vocm control pin float is usually preferred in order to get a midsupply default Vocm
bias with no external elements. To limit noise, place a 0.1-µF decoupling capacitor on the Vocm pin to ground.
After Vocm is defined, check the target output voltage swing to ensure that the Vocm positive or negative output
swing on each side does not clip into the supplies. If the desired output differential swing is defined as Vopp,
divide by 4 to obtain the ±Vp swing around Vocm at each of the two output pins (each pin operates 180° out of
phase with the other). Check that Vocm ±Vp does not exceed the absolute supply rails for this rail-to-rail output
(RRO) device.
Going to the device input pins side, because both the source and balancing resistor on the nonsignal input side
are dc blocked (see Figure 61), no common-mode current flows from the output common-mode voltage, thus
setting the input common-mode equal to the output common-mode voltage.
This input headroom also sets a limit for higher Vocm voltages. Because the input Vicm is the output Vocm for
ac-coupled sources, the 1.2-V minimum headroom for the input pins to the positive supply overrides the 1.1-V
headroom limit for the output Vocm. Also, the input signal moves this input Vicm around the dc bias point, as
described in the Resistor Design Equations for the Single-Ended to Differential Configuration of the FDA section.
9.4.1.2 DC-Coupled Input Signal Path Considerations for Single-Ended to Differential Conversion
The output considerations remain the same as for the ac-coupled design. Again, the input can be dc coupled
while the output is ac coupled. A dc-coupled input with an ac-coupled output might have some advantages to
move the input Vicm down if the source is ground referenced. When the source is dc coupled into the THS4541
(see Figure 63), both sides of the input circuit must be dc coupled to retain differential balance. Normally, the
nonsignal input side has an Rg element biased to whatever the source midrange is expected to be. Providing this
midscale reference gives a balanced differential swing around Vocm at the outputs. Often, Rg2 is simply
36
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com