Electronic Components Datasheet Search
  English  ▼

X  

ADS8422IPFBT Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS8422IPFBT
Description  16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE REFERENCE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8422IPFBT Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS8422IPFBT Datasheet HTML 17Page - Texas Instruments ADS8422IPFBT Datasheet HTML 18Page - Texas Instruments ADS8422IPFBT Datasheet HTML 19Page - Texas Instruments ADS8422IPFBT Datasheet HTML 20Page - Texas Instruments ADS8422IPFBT Datasheet HTML 21Page - Texas Instruments ADS8422IPFBT Datasheet HTML 22Page - Texas Instruments ADS8422IPFBT Datasheet HTML 23Page - Texas Instruments ADS8422IPFBT Datasheet HTML 24Page - Texas Instruments ADS8422IPFBT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
www.ti.com
LAYOUT
ADS8422
SLAS512B – JUNE 2006 – REVISED DECEMBER 2006
ADC powerdown is activated by asserting PD1 to 0 for longer than 1.5
µs. If the signal PD1 is asserted 0 for
less than 0.5
µs, the ADC is only reset and any ongoing conversion aborted. See Figure 26. ADC operation can
be resumed from ADC powerdown by de-asserting the PD1 pin. In ADC power-down mode, the analog outputs
from the ADC(COMMOUT, REFOUT) are not powered down thereby reducing the power-on time.
Full chip power-down is activated by turning off the power supply or by asserting both, PD1 = 0 and PD2 = 0 for
longer than 1.5
µs (see Figure 27). In this mode, even the analog outputs of the ADC (COMMOUT, REFOUT)
are powered down thereby giving maximum power saving. Device operation can be resumed from full chip
power-down by turning on the power supply or by deasserting both, PD1 = 1 and PD2 = 1.
Table 3. Effects of RESET, PD1, and PD2
COMMAND
APPLICATION TIME
POWER WHEN APPLIED
RESUME TIME
RESET/PD1 = 0
20 ns
No change
20 ns
PD1 = 0, PD2 = 1
1.5
µs
17mW
5
µs
PD1 = PD2 = 0
1.5
µs
40
µW
25 ms
PD1 = 1, PD2 = 0
Reserved – Do not use this combination
For optimum performance, care should be taken with the physical layout of the ADS8422 circuitry.
As the ADS8422 offers single-supply operation, it is often used in close proximity with digital logic,
microcontrollers, microprocessors, and digital signal processors. The more digital logic present in the design and
the higher the switching speed, the more difficult it is to achieve good performance from the converter.
The basic SAR architecture is sensitive to glitches or sudden changes on the power supply, reference, ground
connections, and digital inputs that occur just prior to latching the output of the analog comparator. Thus, driving
any single conversion for an n-clock SAR converter, there are n windows in which large external transient
voltages can affect the conversion result. Such glitches might originate from switching power supplies, nearby
digital logic, or high power devices. The 50 ns period before BUSY falls should be kept free of supply glitches.
The degree of error in the digital output depends on the reference voltage, layout, and the exact timing of the
external event.
On average, the ADS8422 draws very little current from an external reference as the reference voltage is
internally buffered. If the reference voltage is external and originates from an op amp, make sure that it can drive
the bypass capacitor or capacitors without oscillation. A 0.1-
µF bypass capacitor is recommended from pin 1
directly to REFM (pin 48). REFM and AGND should be shorted on the same ground plane underneath the
device.
The AGND, BDGND, and AGND pins should be connected to a clean ground point. In all cases, this should be
the analog ground. Avoid connections which are too close to the grounding point of a microcontroller or digital
signal processor. If required, run a ground trace directly from the converter to the power supply entry point. The
ideal layout consists of an analog ground plane dedicated to the converter and associated analog circuitry.
As with the AGND connections, +VA and +VAREG should be connected to their respective power supply planes
or traces that are separate from the connection for digital logic, until they are connected at the power entry point.
Power to the ADS8422 should be clean and well bypassed. A 0.1-
µF ceramic bypass capacitor should be placed
as close to the device as possible. See Table 4 for capacitor placement. In addition, a 1-
µF to 10-µF capacitor is
recommended. In some situations, additional bypassing may be required, such as a 100-
µF electrolytic capacitor
or even a Pi filter made up of inductors and capacitors — all designed to essentially low-pass filter the +5-V
supply, thus removing the high frequency noise.
Table 4. Power Supply Decoupling Capacitor Placement
POWER SUPPLY PLANE
CONVERTER
CONVERTER ANALOG SIDE
DIGITAL SIDE
SUPPLY PINS
Pin pairs that require shortest path to decoupling capacitors
(4,5), (9,8), (10,12), (13,15), (43,44), (46,45)
(24,25), (34,35)
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com